Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XA-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MRF49XA-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MRF49XA-I/ST Datasheet HTML 23Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 24Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 25Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 26Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 27Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 28Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 29Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 30Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 27
MRF49XA
REGISTER 2-7:
RXCREG: RECEIVE CONTROL REGISTER (POR: 0x9080)
W-1
W-0
W-0
W-1
W-0
W-0
W-0
W-0
CCB<15:11>
FINTDIO
DIORT<1:0>
bit 15
bit 8
W-1
W-0
W-0
W-0
W-0
W-0
W-0
W-0
RXBW<2:0>
RXLNA<1:0>
DRSSIT<2:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
CCB<15:11>: Command Code bits
The command code bits (10010b) are serially sent to the microcontroller to identify the bits to be
written in the RXCREG.
bit 10
FINTDIO: Function Interrupt/Data Indicator Output bit
Sets the pin 16 function as the DIO or interrupt.
1 = DIO output
0 = INT input
bit 9-8
DIORT<1:0>: Data Indicator Output Response Time bits
If pin 16 is selected as DIO, these bits set the response time within which the transceiver detects and
indicates the incoming synchronous bit pattern, and issues an interrupt to the host microcontroller.
11 = Continuous
10 = Slow
01 = Medium
00 = Fast
bit 7-5
RXBW<2:0>: Receiver Baseband Bandwidth bits
These bits set the bandwidth of demodulated data. The bandwidth can accommodate different data
rates and deviations during frequency keying.
111 = Reserved
110 = 67 kHz
101 = 134 kHz
100 = 200 kHz
011 = 270 kHz
010 = 340 kHz
001 = 400 kHz
000 = Reserved
bit 4-3
RXLNA<1:0>: Receiver LNA Gain bits
These bits, when set to different values, can accommodate environments with high interferences. The
LNA gain also affects the true RSSI value.
11 = -20 dB
10 = -14 dB
01 = -6 dB
00 = 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com