Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XA-I/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MRF49XA-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MRF49XA-I/ST Datasheet HTML 35Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 36Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 37Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 38Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 39Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 40Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 41Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 42Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 39
MRF49XA
EQUATION 2-8:
REGISTER 2-15:
DCSREG: DUTY CYCLE VALUE SET REGISTER (POR: 0xC80E)
W-1
W-1
W-0
W-0
W-1
W-0
W-0
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-0
W-0
W-1
W-1
W-1
W-0
DCMV<6:0>
DCMEN
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (11001000b) are serially sent to the microcontroller to identify the bits to be
written in the DCSREG.
bit 7-1
DCMV<6:0>: Duty Cycle Multiplier Value bits
These bits are used to calculate the duty cycle or on time of the receiver after the wake-up timer has
brought the MRF49XA out of Sleep mode(1).
bit 0
DCMEN: Duty Cycle mode Enable bit
1 = Enables the Duty Cycle mode
0 = Disables the Duty Cycle mode
Note 1: For operation in Duty Cycle mode, the receiver must be disabled (RXCEN = 0) and the wake-up timer
must be enabled (WUTEN = 1) in PMCREG. The registers, DCSREG and WTSREG, can be used to
reduce the current consumption of the receiver. The DCSREG can be set up so that when the wake-up
timer brings the MRF49XA out of Sleep mode, the receiver is turned on for a short period to sample the
signal presence before returning to Sleep. The process in the Duty Cycle mode starts over. The duty cycle
uses the multiplier value of the wake-up timer, in parts for its calculation, as shown in Equation 2-8.
DC = [(DCMV<7:1> x 2 + 1)]/[WTMV<7:0> x 100%]
where:
WTMV is WTMV<7:0> bits of the WTSREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com