Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XA-I/ST Datasheet(PDF) 85 Page - Microchip Technology

Part # MRF49XA-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/ST Datasheet(HTML) 85 Page - Microchip Technology

Back Button MRF49XA-I/ST Datasheet HTML 81Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 82Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 83Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 84Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 85Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 86Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 87Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 88Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 85
MRF49XA
5.2
Typical Performance
Characteristics
FIGURE 5-2:
CHANNEL SELECTIVITY AND BLOCKING(1,2)
0
10
20
30
40
50
60
70
80
0
1
2
3
45
67
8
9
10
11
12
CW Interferer Offset with respect to Carrier (MHz)
434 MHz
868 MHz
ETSI
Note 1: LNA gain maximum, filter bandwidth 67 kHz, data rate 9.6 kbps, AFC switched off, FSK
deviation ±45 kHz, VDD = 2.7V.
2: The ETSI limit given in the figure is drawn by taking -106 dBm at 9.6 kbps typical sensitivity
into account and corresponds to receiver class 2 requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com