Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1454-ESSQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16LF1454-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1454-ESSQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16LF1454-ESSQTP Datasheet HTML 25Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 26Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 27Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 28Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 30Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 31Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 32Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 29
PIC16(L)F1454/5/9
FIGURE 3-2:
BANKED MEMORY
PARTITIONING
3.3.5
DEVICE MEMORY MAPS
The memory maps for PIC16(L)F1454/5/9 are as
shown in Table 3-8 and Table 3-9.
0Bh
0Ch
1Fh
20h
6Fh
70h
7Fh
00h
Common RAM
(16 bytes)
Dual Port RAM
(80 bytes maximum)
Core Registers
(12 bytes)
Special Function Registers
(20 bytes maximum)
Memory Region
7-bit Bank Offset
(1)
General Purpose RAM
(80 bytes maximum)
OR
Note 1:
If the USB module is disabled, data
memory is GPR. If enabled, data
memory can be DPR. Refer to Mem-
ory Map for RAM type details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com