Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1454-ESSQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16LF1454-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1454-ESSQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16LF1454-ESSQTP Datasheet HTML 52Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 53Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 54Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 55Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 56Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 57Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 58Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 59Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 56
Preliminary
 2012 Microchip Technology Inc.
4.6
Device ID and Revision ID
The memory location 8005h and 8006h are where the
Device ID and Revision ID are stored. See
Section 11.4 “User ID, Device ID and Configuration
Word Access” for more information on accessing
these memory locations.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID and
Revision ID.
4.7
Register Definitions: Revision and Device
REGISTER 4-3:
DEVID: DEVICE ID REGISTER
RRRRRR
DEV<13:8>
bit 13
bit 8
RRRRRRRR
DEV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
DEV<13:0>: Device ID bits
REGISTER 4-4:
REVID: REVISION ID REGISTER
RRRRRR
REV<13:8>
bit 13
bit 8
RRRRRRRR
REV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
REV<13:0>: Revision ID bits
Device
DEVICEID<13:0> Values
PIC16F1454
11 0000 0010 0000 (3020h)
PIC16LF1454
11 0000 0010 0100 (3024h)
PIC16F1455
11 0000 0010 0001 (3021h)
PIC16LF1455
11 0000 0010 0101 (3025h)
PIC16F1459
11 0000 0010 0011 (3023h)
PIC16LF1459
11 0000 0010 0111 (3027h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com