Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1454-ESSQTP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16LF1454-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1454-ESSQTP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16LF1454-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 30Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 31Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 32Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 33Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 34Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 35Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 36Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 418 page
background image
TABLE 3-7:
PIC16(L)F1454 MEMORY MAP, BANK 8-23
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
BANK 13
BANK 14
BANK 15
400h
40Bh
Core Registers
(Table 3-2)
480h
48Bh
Core Registers
(Table 3-2)
500h
50Bh
Core Registers
(Table 3-2)
580h
58Bh
Core Registers
(Table 3-2)
600h
60Bh
Core Registers
(Table 3-2)
680h
68Bh
Core Registers
(Table 3-2)
700h
70Bh
Core Registers
(Table 3-2)
780h
78Bh
Core Registers
(Table 3-2)
40Ch
—
48Ch
—
50Ch
—
58Ch
—
60Ch
—
68Ch
—
70Ch
—
78Ch
—
40Dh
—
48Dh
—
50Dh
—
58Dh
—
60Dh
—
68Dh
—
70Dh
—
78Dh
—
40Eh
—48Eh
—50Eh
—58Eh
—60Eh
—68Eh
—70Eh
—78Eh
—
40Fh
—48Fh
—50Fh
—58Fh
—60Fh
—68Fh
—70Fh
—78Fh
—
410h
—490h
—510h
—590h
—610h
—690h
—
710h
—
790h
—
411h
—491h
—511h
—591h
—
611h
PWM1DCL
691h
—711h
—
791h
—
412h
—492h
—512h
—592h
—
612h
PWM1DCH
692h
—
712h
—
792h
—
413h
—493h
—513h
—593h
—
613h
PWM1CON
693h
—
713h
—
793h
—
414h
—494h
—514h
—594h
—
614h
PWM2DCL
694h
—
714h
—
794h
—
415h
—495h
—515h
—595h
—
615h
PWM2DCH
695h
—
715h
—
795h
—
416h
—496h
—516h
—596h
—
616h
PWM2CON
696h
—
716h
—
796h
—
417h
—497h
—517h
—597h
—617h
—697h
—
717h
—
797h
—
418h
—498h
—518h
—598h
—618h
—698h
—
718h
—
798h
—
419h
—499h
—519h
—599h
—619h
—699h
—
719h
—
799h
—
41Ah
—49Ah
—51Ah
—59Ah
—61Ah
—69Ah
—71Ah
—79Ah
—
41Bh
—49Bh
—51Bh
—59Bh
—61Bh
—69Bh
—71Bh
—79Bh
—
41Ch
—
49Ch
—
51Ch
—
59Ch
—
61Ch
—
69Ch
—
71Ch
—
79Ch
—
41Dh
—
49Dh
—
51Dh
—
59Dh
—
61Dh
—
69Dh
—
71Dh
—
79Dh
—
41Eh
—49Eh
—51Eh
—59Eh
—61Eh
—69Eh
—71Eh
—79Eh
—
41Fh
—49Fh
—51Fh
—59Fh
—61Fh
—69Fh
—71Fh
—79Fh
—
420h
General
Purpose
Register
80 Bytes
4A0h
General
Purpose
Register
80 Bytes
520h
General
Purpose
Register
80 Bytes
5A0h
General
Purpose
Register
80 Bytes
620h
General
Purpose
Register
48 Bytes
6A0h
Unimplemented
Read as ‘0’
720h
Unimplemented
Read as ‘0’
7A0h
Unimplemented
Read as ‘0’
64Fh
650h
Unimplemented
Read as ‘0’
46Fh
4EFh
56Fh
5EFh
66Fh
6EFh
76Fh
7EFh
470h
Common RAM
(Accesses
70h – 7Fh)
4F0h
Common RAM
(Accesses
70h – 7Fh)
570h
Common RAM
(Accesses
70h – 7Fh)
5F0h
Common RAM
(Accesses
70h – 7Fh)
670h
Common RAM
(Accesses
70h – 7Fh)
6F0h
Common RAM
(Accesses
70h – 7Fh)
770h
Common RAM
(Accesses
70h – 7Fh)
7F0h
Common RAM
(Accesses
70h – 7Fh)
47Fh
4FFh
57Fh
5FFh
67Fh
6FFh
77Fh
7FFh
BANK 16
BANK 17
BANK 18
BANK 19
BANK 20
BANK 21
BANK 22
BANK 23
800h
80Bh
Core Registers
(Table 3-2 )
880h
88Bh
Core Registers
(Table 3-2)
900h
90Bh
Core Registers
(Table 3-2)
980h
98Bh
Core Registers
(Table 3-2)
A00h
A0Bh
Core Registers
(Table 3-2)
A80h
A8Bh
Core Registers
(Table 3-2)
B00h
B0Bh
Core Registers
(Table 3-2)
B80h
B8Bh
Core Registers
(Table 3-2)
80Ch
Unimplemented
Read as ‘0’
88Ch
Unimplemented
Read as ‘0’
90Ch
Unimplemented
Read as ‘0’
98Ch
Unimplemented
Read as ‘0’
A0Ch
Unimplemented
Read as ‘0’
A8Ch
Unimplemented
Read as ‘0’
B0Ch
Unimplemented
Read as ‘0’
B8Ch
Unimplemented
Read as ‘0’
86Fh
8EFh
96Fh
9EFh
A6Fh
AEFh
B6Fh
BEFh
870h
Common RAM
(Accesses
70h – 7Fh)
8F0h
Common RAM
(Accesses
70h – 7Fh)
970h
Common RAM
(Accesses
70h – 7Fh)
9F0h
Common RAM
(Accesses
70h – 7Fh)
A70h
Common RAM
(Accesses
70h – 7Fh)
AF0h
Common RAM
(Accesses
70h – 7Fh)
B70h
Common RAM
(Accesses
70h – 7Fh)
BF0h
Common RAM
(Accesses
70h – 7Fh)
87Fh
8FFh
97Fh
9FFh
A7Fh
AFFh
B7Fh
BFFh
Legend:
= Unimplemented data memory locations, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com