Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1454-ESSQTP Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16LF1454-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1454-ESSQTP Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16LF1454-ESSQTP Datasheet HTML 37Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 38Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 39Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 40Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 41Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 42Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 43Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 44Page - Microchip Technology PIC16LF1454-ESSQTP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 41
PIC16(L)F1454/5/9
Bank 10
50Ch
to
51Fh
—
Unimplemented
—
—
Bank 11
58Ch
to
59Fh
—
Unimplemented
—
—
Bank 12
60Ch
to
610h
—
Unimplemented
—
—
611h
PWM1DCL
PWM1DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
612h
PWM1DCH
PWM1DCH<7:0>
xxxx xxxx uuuu uuuu
613h
PWM1CON0
PWM1EN
PWM1OE PWM1OUT PWM1POL
—
—
—
—
0000 ---- 0000 ----
614h
PWM2DCL
PWM2DCL<7:6>
—
—
—
—
—
—
00-- ---- 00-- ----
615h
PWM2DCH
PWM2DCH<7:0>
xxxx xxxx uuuu uuuu
616h
PWM2CON0
PWM2EN
PWM2OE PWM2OUT PWM2POL
—
—
—
—
0000 ---- 0000 ----
617h
to
61Fh
—
Unimplemented
—
—
Bank 13
68Ch
to
690h
—
Unimplemented
—
—
691h
CWG1DBR(2)
—
—CWG1DBR<5:0>
--00 0000 --00 0000
692h
CWG1DBF(2)
—
—CWG1DBF<5:0>
--xx xxxx --xx xxxx
693h
CWG1CON0(2)
G1EN
G1OEB
G1OEA
G1POLB
G1POLA
—
—G1CS0
0000 0--0 0000 0--0
694h
CWG1CON1(2)
G1ASDLB<1:0>
G1ASDLA<1:0>
—
—
G1IS<1:0>
0000 --00 0000 --00
695h
CWG1CON2(2)
G1ASE
G1ARSEN
—
—
G1ASDC2
G1ASDC1 G1ASDSFLT
—
00-- 0001 00-- 000-
696h
to
69Fh
—
Unimplemented
—
—
Banks 14-28
x0Ch/
x8Ch
—
x1Fh/
x9Fh
—
Unimplemented
—
—
TABLE 3-12:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addres
s
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16(L)F1459 only.
2:
PIC16(L)F1455/9 only.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com