| Electronic Components Datasheet Search |
|
PIC16LF1454-ESSQTP Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF1454-ESSQTP Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 418 page ![]() 2012 Microchip Technology Inc. Preliminary DS41639A-page 15 PIC16(L)F1454/5/9 TABLE 1-2: PIC16(L)F1454 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/D+/ICSPDAT(3) RA0 TTL CMOS General purpose I/O. D+ XTAL XTAL USB differential plus line. ICSPDAT ST CMOS ICSP™ Data I/O. RA1/D-/ICSPCLK(3) RA1 TTL CMOS General purpose I/O. D- XTAL XTAL USB differential minus line. ICSPCLK ST — ICSP Programming Clock. RA3/VPP/T1G(2)/SS(2)/MCLR RA3 TTL — General purpose input with IOC and WPU. VPP HV — Programming voltage. T1G ST — Timer1 Gate input. SS ST — Slave Select input. MCLR ST — Master Clear with internal pull-up. RA4/SOSCO/CLKOUT/ T1G(1)/SDO(2)/CLKR(1)/OSC2 RA4 TTL CMOS General purpose I/O. SOSCO XTAL XTAL Secondary Oscillator Connection. CLKOUT — CMOS FOSC/4 output. T1G ST — Timer1 Gate input. SDO — CMOS SPI data output. CLKR — CMOS Clock reference output. OSC2 XTAL XTAL Primary Oscillator connection. RA5/CLKIN/SOSCI/T1CKI/ PWM2(2)/OSC1 RA5 TTL CMOS General purpose I/O. CLKIN CMOS — External clock input (EC mode). SOSCI XTAL XTAL Secondary Oscillator Connection. T1CKI ST — Timer1 clock input. PWM2 — CMOS PWM output. OSC1 XTAL XTAL Primary Oscillator Connection. RC0/SCL/SCK/ICSPDAT RC0 TTL CMOS General purpose I/O. SCL I2COD I2C™ clock. SCK ST CMOS SPI clock. ICSPDAT ST CMOS ICSP™ Data I/O. RC1/SDA/SDI/INT/ICSPCLK RC1 TTL CMOS General purpose I/O. SDA I2COD I2C data input/output. SDI CMOS — SPI data input. INT ST — External input. ICSPCLK ST — ICSP Programming Clock. RC2/SDO(1) RC2 TTL CMOS General purpose I/O. SDO — CMOS SPI data output. RC3/PWM2(1)/SS(1)/CLKR(2) RC3 TTL CMOS General purpose I/O. PWM2 — CMOS PWM output. SS ST — Slave Select input. CLKR — CMOS Clock reference output. Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register. 2: Alternate location for peripheral pin function selected by the APFCON register. 3: LVP support for PIC18(L)F1XK50 legacy designs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |