Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC37C78 Datasheet(PDF) 25 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 25 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 21Page - Microchip Technology FDC37C78 Datasheet HTML 22Page - Microchip Technology FDC37C78 Datasheet HTML 23Page - Microchip Technology FDC37C78 Datasheet HTML 24Page - Microchip Technology FDC37C78 Datasheet HTML 25Page - Microchip Technology FDC37C78 Datasheet HTML 26Page - Microchip Technology FDC37C78 Datasheet HTML 27Page - Microchip Technology FDC37C78 Datasheet HTML 28Page - Microchip Technology FDC37C78 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
25
Table 17 - Status Register 3
BIT NO.
SYMBOL
NAME
DESCRIPTION
7
Unused. This bit is always "0".
6
WP
Write
Protected
Indicates the status of the WP pin.
5
Unused. This bit is always "1".
4
T0
Track 0
Indicates the status of the TRK0 pin.
3
Unused. This bit is always "1".
2
HD
Head Address Indicates the status of the HDSEL pin.
1,0
DS1,0
Drive Select
Indicates the status of the DS1, DS0 pins.
RESET
There are three sources of system reset on the
FDC: the RESET pin of the FDC37C78, a reset
generated via a bit in the DOR, and a reset
generated via a bit in the DSR. At power on, a
Power On Reset initializes the FDC.
All resets
take the FDC out of the power down state.
All operations are terminated upon a RESET, and
the FDC enters an idle state. A reset while a disk
write is in progress will corrupt the data and CRC.
On exiting the reset state, various internal
registers are cleared, including the Configure
command information, and the FDC waits for a
new command.
Drive polling will start unless
disabled by a new Configure command.
RESET Pin (Hardware Reset)
The RESET pin is a global reset and clears all
registers except those programmed by the Specify
command.
The DOR reset bit is enabled and
must be cleared by the host to exit the reset state.
DOR Reset vs. DSR Reset (Software Reset)
These two resets are functionally the same. Both
will reset the FDC core, which affects drive status
information and the FIFO circuits. The DSR reset
clears itself automatically while the DOR reset
requires the host to manually clear it. DOR reset
has precedence over the DSR reset. The DOR
reset is set automatically upon a pin reset. The
user must manually clear this reset bit in the DOR
to exit the reset state.
MODE OF OPERATION
PC/AT mode - (IDENT high, MFM a "don't care")
The PC/AT register set is enabled, the DMA
enable bit of the DOR becomes valid (IRQ and
DRQ can be hi Z), and TC and DENSEL become
active high signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com