Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC37C78 Datasheet(PDF) 58 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 58 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 54Page - Microchip Technology FDC37C78 Datasheet HTML 55Page - Microchip Technology FDC37C78 Datasheet HTML 56Page - Microchip Technology FDC37C78 Datasheet HTML 57Page - Microchip Technology FDC37C78 Datasheet HTML 58Page - Microchip Technology FDC37C78 Datasheet HTML 59Page - Microchip Technology FDC37C78 Datasheet HTML 60Page - Microchip Technology FDC37C78 Datasheet HTML 61Page - Microchip Technology FDC37C78 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
58
AUTO POWER MANAGEMENT
Power management capabilities are provided for
the floppy disk. Two types of power management
are
provided;
direct
powerdown
and
auto
powerdown.
Direct powerdown is controlled by the powerdown
bit in the configuration registers. Auto Powerdown
can be enabled by setting the Auto Powerdown
Enable bit in the configluation registers.
FDC Power Management
Direct power management is controlled by bit 3 of
Configuration Register 0(CR0).
Refer to CR0 bit
3 for more information.
Auto Power Management is enabled by CR7 bit 7.
When set, this bit allows FDC to enter powerdown
when all of the following conditions have been met:
1.
The motor enable pins of register DOR are
inactive (zero).
2.
The part must be idle; MSR=80H and INT = 0
(INT may be high even if MSR = 80H due to
polling interrupts).
3.
The internal head unload timer must have
expired.
4.
The Auto powerdown timer (10msec) must
have timed out.
An internal timer is initiated as soon as the auto
powerdown command is enabled. The part is
then powered down when all the conditions are
met.
During the countdown of the powerdown
timer, any operation of read MSR or read/write
data (FIFO) will reinitiate the timer.
Disabling the auto powerdown mode cancels the
timer and holds the FDC37C78 out
of auto
powerdown.
DSR From Powerdown
If DSR powerdown is used when the part is in auto
powerdown, the DSR powerdown will override the
auto powerdown.
However, when the part is
awakened
from
DSR
powerdown,
the
auto
powerdown will once again become effective.
Wake Up From Auto Powerdown
If the part enters the powerdown state through the
auto powerdown mode, then the part can be
awakened by reset or by appropriate access to
certain registers.
If a hardware or software reset is used then the
part will go through the normal reset sequence. If
the access is through the selected registers, then
the FDC37C78 resumes operation as though it
was never in powerdown. Besides activating the
RESET pin or one of the software reset bits in the
DOR or DSR, the following register accesses will
wake up the part:
1.
Enabling any one of the motor enable bits in
the DOR register (reading the DOR does not
awaken the part).
2.
A read from the MSR register.
3.
A read or write to the Data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com