Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC37C78 Datasheet(PDF) 26 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 26 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 22Page - Microchip Technology FDC37C78 Datasheet HTML 23Page - Microchip Technology FDC37C78 Datasheet HTML 24Page - Microchip Technology FDC37C78 Datasheet HTML 25Page - Microchip Technology FDC37C78 Datasheet HTML 26Page - Microchip Technology FDC37C78 Datasheet HTML 27Page - Microchip Technology FDC37C78 Datasheet HTML 28Page - Microchip Technology FDC37C78 Datasheet HTML 29Page - Microchip Technology FDC37C78 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
26
DMA TRANSFERS
DMA transfers are enabled with the Specify
command and are initiated by the FDC by
activating the DRQ pin during a data transfer
command.
The FIFO is enabled directly by
asserting nDACK and addresses need not be
valid.
Note that if the DMA controller (i.e. 8237A) is
programmed to function in verify mode, a pseudo
read is performed by the FDC based only on
nDACK.
This mode is only available when the
FDC has been configured into byte mode (FIFO
disabled) and is programmed to do a read. With
the FIFO enabled, the FDC can perform the above
operation by using the new Verify command; no
DMA operation is needed.
CONTROLLER PHASES
For simplicity, command handling in the FDC can
be
divided
into
three
phases:
Command,
Execution, and Result. Each phase is described in
the following sections.
Command Phase
After a reset, the FDC enters the command phase
and is ready to accept a command from the host.
For each of the commands, a defined set of
command code bytes and parameter bytes has to
be written to the FDC before the command phase
is complete. (Please refer to Table 18 for the
command set descriptions). These bytes of data
must be transferred in the order prescribed.
Before writing to the FDC, the host must examine
the RQM and DIO bits of the Main Status Register.
RQM and DIO must be equal to "1" and "0"
respectively before command bytes may be
written. RQM is set false by the FDC after each
write cycle until the received byte is processed.
The FDC asserts RQM again to request each
parameter byte of the command unless an illegal
command condition is detected.
After the last
parameter byte is received, RQM remains "0" and
the FDC automatically enters the next phase as
defined by the command definition.
The FIFO is disabled during the command phase
to provide for the proper handling of the "Invalid
Command" condition.
Execution Phase
All data transfers to or from the FDC occur during
the execution phase, which can proceed in DMA
or non-DMA mode as indicated in the Specify
command.
After a reset, the FIFO is disabled. Each data byte
is transferred by an IRQ or DRQ depending on the
DMA mode. The Configure command can enable
the FIFO and set the FIFO threshold value.
The following paragraphs detail the operation of
the FIFO flow control.
In these descriptions,
<threshold> is defined as the number of bytes
available to the FDC when service is requested
from the host and ranges from 1 to 16.
The
parameter FIFOTHR, which the user programs, is
one less and ranges from 0 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com