Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 2Page - STMicroelectronics L4995RK Datasheet HTML 3Page - STMicroelectronics L4995RK Datasheet HTML 4Page - STMicroelectronics L4995RK Datasheet HTML 5Page - STMicroelectronics L4995RK Datasheet HTML 6Page - STMicroelectronics L4995RK Datasheet HTML 7Page - STMicroelectronics L4995RK Datasheet HTML 8Page - STMicroelectronics L4995RK Datasheet HTML 9Page - STMicroelectronics L4995RK Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Block diagrams and pins descriptions
L4995
6/35
Doc ID 13103 Rev 13
Figure 3.
Block diagram of L4995R
Table 2.
Pins descriptions
Pin
name
PowerSSO-12
pin #
PowerSSO-24
pin #
Function
En
1
13, 14, 15
Enable input (L4995 and L4996A only, otherwise not
connected).
If high regulator, watchdog and reset are operating. If
low regulator, watchdog and reset are shutdown.
Connect to Vs if not used.
NC
2, 4, 8
3, 5, 6, 9, 11
Not connected.
GND
3
16, 17, 18
Ground reference.
-TAB
TAB, 1, 12
Substrate of the chip: connect the pins or the TAB to
GND.
Res
5
19, 20, 21
Reset output.
It is pulled down when output voltage goes below Vo_th
or frequency at Wi is too low. Leave floating if not used.
Vcr
6
22, 23, 24
Reset timing adjust.
A capacitor between Vcr pin and GND. Sets the reset
delay time (trd). Leave floating if Reset is not used.
Vcw
72
Watchdog timer adjust (L4995 only, otherwise not
connected).
A capacitor between Vcw pin and GND. Sets the time
response of the watchdog monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com