Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 10Page - STMicroelectronics L4995RK Datasheet HTML 11Page - STMicroelectronics L4995RK Datasheet HTML 12Page - STMicroelectronics L4995RK Datasheet HTML 13Page - STMicroelectronics L4995RK Datasheet HTML 14Page - STMicroelectronics L4995RK Datasheet HTML 15Page - STMicroelectronics L4995RK Datasheet HTML 16Page - STMicroelectronics L4995RK Datasheet HTML 17Page - STMicroelectronics L4995RK Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical specifications
L4995
14/35
Doc ID 13103 Rev 13
Figure 17.
VRlth vs Tj
Figure 18. Vwhth vs Tj
Figure 19.
Vwlth vs Tj
Figure 20.
Icr and Icwc vs Tj
Figure 21.
Idr and Icwd vs Tj
Figure 22.
Twop vs Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com