Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 19 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 15Page - STMicroelectronics L4995RK Datasheet HTML 16Page - STMicroelectronics L4995RK Datasheet HTML 17Page - STMicroelectronics L4995RK Datasheet HTML 18Page - STMicroelectronics L4995RK Datasheet HTML 19Page - STMicroelectronics L4995RK Datasheet HTML 20Page - STMicroelectronics L4995RK Datasheet HTML 21Page - STMicroelectronics L4995RK Datasheet HTML 22Page - STMicroelectronics L4995RK Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
L4995
Application information
Doc ID 13103 Rev 13
19/35
Reset is active when En is high.
Figure 29.
Reset timing diagram
3.3
Watchdog
A connected microcontroller is monitored by the watchdog input Wi. If pulses are missing,
the Reset output pin is set to low. The pulse sequence time can be set within a wide range
with the external capacitor, Ctw. The watchdog circuit discharges the capacitor Ctw, with the
constant current Icwd. If the lower threshold Vwlth is reached, a watchdog reset is generated.
To prevent this the microcontroller must generate a positive edge during the discharge of the
capacitor before the voltage has reached the threshold Vwlth. In order to calculate the
minimum time t, during which the micro-controller must output the positive edge, the
following equation can be used:
Equation 3
(Vwhth-Vwlth) x Ctw = Icwd x t
Every Wi positive edge switches the current source from discharging to charging. The same
happens when the lower threshold is reached. When the voltage reaches the upper
threshold, Vwhth, the current switches from charging to discharging. The result is a saw-tooth
voltage at the watchdog timer capacitor Ctw.
Figure 30.
Watchdog timing diagram
trr
< trr
trd
Tosc
Vrhth
Vrlth
Res
Vcr
Vo
Wi
Vout_th
trr
< trr
trd
Tosc
Vrhth
Vrlth
Res
Vcr
Vo
Wi
Vout_th
GAPGMS00077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com