Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 29 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 25Page - STMicroelectronics L4995RK Datasheet HTML 26Page - STMicroelectronics L4995RK Datasheet HTML 27Page - STMicroelectronics L4995RK Datasheet HTML 28Page - STMicroelectronics L4995RK Datasheet HTML 29Page - STMicroelectronics L4995RK Datasheet HTML 30Page - STMicroelectronics L4995RK Datasheet HTML 31Page - STMicroelectronics L4995RK Datasheet HTML 32Page - STMicroelectronics L4995RK Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
L4995
Package and packing information
Doc ID 13103 Rev 13
29/35
Table 12.
PowerSSO-24 mechanical data(1)(2)
1.
No intrusion allowed inwards the leads.
2.
Flash or bleeds on exposed die pad shall not exceed 0.4 mm per side
Symbol
Millimeters
Min.
Typ.
Max.
A
2.45
A2
2.15
2.35
a1
0
0.10
b
0.33
0.51
c
0.23
0.32
D(3)
3.
“D and E” do not include mold Flash or protusions.
Mold Flash or protusions shall not exceed 0.15 mm.
10.10
10.50
E(3)
7.40
7.60
e0.8
e3
8.8
F2.3
G
0.1
G1
0.06
H10.1
10.5
h
0.4
k0°
8°
L
0.55
0.85
O1.2
Q0.8
S2.9
T3.65
U1
N
10º
X4.1
4.7
Y
6.5
4.9(4)
4.
Variations for small window leadframe option.
7.1
5.5(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com