Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 20 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 16Page - STMicroelectronics L4995RK Datasheet HTML 17Page - STMicroelectronics L4995RK Datasheet HTML 18Page - STMicroelectronics L4995RK Datasheet HTML 19Page - STMicroelectronics L4995RK Datasheet HTML 20Page - STMicroelectronics L4995RK Datasheet HTML 21Page - STMicroelectronics L4995RK Datasheet HTML 22Page - STMicroelectronics L4995RK Datasheet HTML 23Page - STMicroelectronics L4995RK Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Package and PCB thermal data
L4995
20/35
Doc ID 13103 Rev 13
4
Package and PCB thermal data
4.1
PowerSSO-12 thermal data
Figure 31.
PowerSSO-12 PC board(1)
1.
Layout condition of Rth and Zth measurements (PCB: Double layer, Thermal Vias, FR4 area= 77mm x
86mm,PCB thickness=1.6mm, Cu thickness=70
μm (front and back side) Thermal vias separation 1.2 mm,
Thermal via diameter 0.3 mm +/- 0.08 mm, Cu thickness on vias 0.025 mm, Footprint dimension 4.1 mm x
6.5 mm).
Figure 32.
Rthj-amb vs PCB copper area in open box free air condition
40
45
50
55
60
65
70
0
2
4
6
8
10
RTHj_a
_amb(°C/ W)
PCB Cu hea
eatsink area
ea (cm^ 2)
GAPGMS00082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com