Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A-BDFM Datasheet(PDF) 15 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 15 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 11Page - ams AG AS3953A-BDFM Datasheet HTML 12Page - ams AG AS3953A-BDFM Datasheet HTML 13Page - ams AG AS3953A-BDFM Datasheet HTML 14Page - ams AG AS3953A-BDFM Datasheet HTML 15Page - ams AG AS3953A-BDFM Datasheet HTML 16Page - ams AG AS3953A-BDFM Datasheet HTML 17Page - ams AG AS3953A-BDFM Datasheet HTML 18Page - ams AG AS3953A-BDFM Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
www.ams.com
Revision 1.0
15 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n

TC(1): The interface byte TC(1) specifies a parameter of the protocol. The interface byte TC(1) consists of two parts:
- The most significant bits
b8 to b3 are set to 000000, all other values are ‘RFU’.
- The bits
b2 and b1 define which optional fields in the prologue field are supported by the PICC. The PCD is allowed to skip fields that are
supported by the PICC. Bit
b2 indicates support of CID and b1 indicates support of NAD. The AS3953 value is ‘10’ indicating “CID
supported” and “NAD not supported”.
Table below defines the coding of the TC(1) byte.
7.6 Proprietary Commands
Proprietary commands have the same format as blocks defined in ISO 14443-4 with the difference that optional NAD field is abandoned since
NAD is not supported by the AS3953. The same format is used for commands sent by PCD and AS3953 responses. Table below defines the
coding of the Proprietary commands.
Prologue field consists of the mandatory Protocol Control Byte and an optional Card Identifier Byte. Card identifier byte is according to ISO
14443-4 definition. Epilogue field contains CRC over transmitted block.
Prologue Field for Proprietary Commands.
Table below defines the coding of Prologue field for Proprietary commands.
The following proprietary commands are implemented:

Wake-up: Sends a wake-up interrupt to controller

Read EEPROM: Reads data from EEPROM

Write EEPROM: Writes data to EEPROM
Wake-up Command.
Information field of
Wake-up command consists of one byte only (see table below). The AS3953 echoes back the same information field.
Table below defines the coding of the AS3953 reply INF to
Wake-up command.
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0
0
0
0
0
1
0
Coding of ATS byte TC(1)
CID
NAD
Prologue Field
Information Field
Epilogue Field
PCB
[CID]
INF
EDC
1 byte
1 byte
2 bytes
Bit
Value
Function
b8
0
01 indicates proprietary command
b7
1
b6
0
Shall be set to this value, other values are ‘RFU’
b5
1
b4
CID following if bit is set to ‘1’
b3
1
Shall be set to this value, other values are ‘RFU’
b2
0
b1
1
01h
1byte
01h
1byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com