Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A-BDFM Datasheet(PDF) 34 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 34 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 30Page - ams AG AS3953A-BDFM Datasheet HTML 31Page - ams AG AS3953A-BDFM Datasheet HTML 32Page - ams AG AS3953A-BDFM Datasheet HTML 33Page - ams AG AS3953A-BDFM Datasheet HTML 34Page - ams AG AS3953A-BDFM Datasheet HTML 35Page - ams AG AS3953A-BDFM Datasheet HTML 36Page - ams AG AS3953A-BDFM Datasheet HTML 37Page - ams AG AS3953A-BDFM Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
www.ams.com
Revision 1.0
34 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
Main Interrupt Register.
Notes:
1. At power-up and after
Set Default command, content of this register is set to ‘0’.
2. After Main Interrupt Register is read, with the exception of bit0, the register content is set to ‘0’. The bit0 is set to ‘0’ only after the
corresponding interrupt register is read.
Auxiliary Interrupt Register.
Notes:
1. At power-up and after
Set Default command content of this register is set to 0.
2. After Auxiliary Interrupt Register has been read its content is set to 0.
Address# 0Ah : Main Interrupt
Type: R
Bit
Name
Function
Comments
7
I_pu
Power-up IRQ
6
I_wu_l4
Wake-up IRQ at entry in ACTIVE(*) state
5
I_wu
Wake-up IRQ triggered by sending
Wake-up
command
4
I_rxs
IRQ due to start of receive
Applicable when receive frame is put in FIFO
3
I_rxe
IRQ due to end of receive
Applicable when receive frame is put in FIFO
2
I_txe
IRQ due to end of transmission
Applicable when data from FIFO is sent
1
I_wl
IRQ due to FIFO water level
During receive informing that FIFO is almost
full and has to be read out.
During transmit informing that FIFO is almost
empty and that additional data has to be send
0
I_aux
IRQ due to event displayed in the Auxiliary
Interrupt Register
Address# 0Bh : Auxiliary Interrupt
Type: R
Bit
Name
Function
Comments
7
I_des
IRQ due to reception of
DESELECT command
6
I_er_fr
Framing error
5
I_er_par
Parity error
In case of parity or/and CRC error the receive
data is still put in FIFO, error IRQ is
additionally send.
4
I_er_crc
CRC error
3
I_er_fifo
FIFO error (overflow/underflow)
See FIFO Status Register 2
2
I_eew
IRQ due to successful termination of EEPROM
programming
In case EEPROM write command was sent
through SPI
1
I_er_eew
Error during EEPROM programming (writing to write
protected word, writing to nonexistent address)
In case EEPROM write command was sent
through SPI
0
I_ee_spi
IRQ due to interruption of EEPROM access due to
PICC interface activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com