Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A-BDFM Datasheet(PDF) 17 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 17 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 13Page - ams AG AS3953A-BDFM Datasheet HTML 14Page - ams AG AS3953A-BDFM Datasheet HTML 15Page - ams AG AS3953A-BDFM Datasheet HTML 16Page - ams AG AS3953A-BDFM Datasheet HTML 17Page - ams AG AS3953A-BDFM Datasheet HTML 18Page - ams AG AS3953A-BDFM Datasheet HTML 19Page - ams AG AS3953A-BDFM Datasheet HTML 20Page - ams AG AS3953A-BDFM Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
www.ams.com
Revision 1.0
17 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.6.1 Passing of Block Data to Controller
After the PICC Logic has passed the anti-collision procedure and replied with SAK on Cascade Level 2 it passes in ACTIVE(*) state. On this level
it expects that blocks received from the PCD have the format according to ISO 14443A-4. The ISO 144443A Logic recognizes the command by
observing the first received byte. Based on content of this byte command is either processed by the AS3953 or the complete block data is put in
the FIFO for further processing by the controller. The table below displays the decision criteria.
As shown in Table 3, the block data is put in the FIFO whenever the two MSB bits are 00 or 10 and also in the case when the four MSB bits are
1111. Therefore the implemented communication between the PCD and a tag implemented by the AS3953 and a controller does not need to
follow the Block transmission protocol defined in the ISO 14443-4.
7.6.2 Use of CID
As mentioned above the AS3953 decides depending on content of the first byte of received message to either execute received message as a
command or to put it in the FIFO. The second byte of the message comprises a CID number which is attributed by PCD. PCD will use CID
number in case more PICCs are brought to Level-4 of communication at the same time.
CID is only checked for messages (commands) that are executed by the AS3953. In case CID does not match such a command is rejected (no
action is taken).
Messages that are based on first byte are put in FIFO and are not filtered by CID. It is left to controller to check for the CID and decide whether
or not to reply (CID number is stored in the RATS Register).
7.7 ISO 14443A Level-3 Protocol Mode
Level-3 Protocol mode is intended for implementation of custom protocols for which coding on Level-4 of ISO 14443A communication according
to Table 3 is not appropriate. In this mode Level-2 and Level-3 behavior of the PICC logic is identical to ISO 14443A Level-4 Protocol mode,
while on Level-4 all received data blocks are put in FIFO.
In case the configuration bit
irq_l4 is set an interrupt is automatically sent to controller once the PICC Logic enters in ACTIVE(*) state (after
sending SAK on Cascade Level 2).
In this mode the EEPROM can be accessed via SPI when the RF field is active.
Table 3. First byte of the ISO 14443-4 PCD Block
First Byte
Comment
Action of PICC Logic
1110 0000
RATS
Replies with ATS
1
1.
RATS and PPS are only processed by the AS3953 logic in case they are sent according to the ISO 14443-4 specification (RATS is first
command sent after entry in ACTIVE(*) state, optionally followed by
PPS). In case RATS or PPS are sent once the AS3953 logic is in
PROTOCOL state the information received is saved into FIFO and not acted upon.
1110 not(0000)
Block is put in FIFO
1101 xxxx
PPS
Replies with PPS response (second character is CID)
1
1100 x 010
DESELECT
Replies and go to Halt
1100 x not(010)
(see footnote 2)
Block is put in FIFO
1111 xxxx
WTX, S(PARAMETERS), RFU
2
2. Compatible with old and new S(PARAMETERS) definition: Old: 1100 x000 is S(PARAMETERS) block according to the ISO 14443-4/
AM2. New: 1111 x000 is S(PARAMETERS) block according to the modification SC17/WG8.
Block is put in FIFO since controller needs it to implement chaining
01xx xxxx
Proprietary command
Proprietary command is processed
00xx xxxx
I-block
Block is put in FIFO
10xx xxxx
R-block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com