Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A-BDFM Datasheet(PDF) 20 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 20 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 16Page - ams AG AS3953A-BDFM Datasheet HTML 17Page - ams AG AS3953A-BDFM Datasheet HTML 18Page - ams AG AS3953A-BDFM Datasheet HTML 19Page - ams AG AS3953A-BDFM Datasheet HTML 20Page - ams AG AS3953A-BDFM Datasheet HTML 21Page - ams AG AS3953A-BDFM Datasheet HTML 22Page - ams AG AS3953A-BDFM Datasheet HTML 23Page - ams AG AS3953A-BDFM Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
www.ams.com
Revision 1.0
20 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
Notes:
1. Configuration bits
b31 to b15 define AS3953 response to SAK and ATS command in ISO 14443A Protocol mode, while bits b14 to b0
actually change performance.
2. Applicable in ISO 14443A Level-3 and Level-4 Protocol modes.
3. Applicable in ISO 14443A Level-3 Protocol mode and Framing mode, in Protocol mode applicable for frames which are put in FIFO.
4. Configuration bits
fdel<1:0> are used to adjust frame delay time PCD-to-PICC. Delays caused by reader and tag resonant tanks and
AFE processing are compensated by PICC logic.Table below defines PCD-to-PICC frame delay compensation using
fdel bits.
Table 6. Configuration Word (Bits 14 to 0)
Configuration Bit
Name
Default
Function
b14
irq_pu
0
1: Send a power-up IRQ (after power-up initialization is finished)
b13
irq_l4
0
1: Send an IRQ at entry in ACTIVE(*) state (after sending SAK on Cascade
Level 2) (see note 2)
b12
mod_1
0
00: ISO 14443A Level-4 Protocol mode
01: ISO 14443A Level-3 Protocol mode
10: Framing mode
11: Transparent mode
b11
mod_0
0
b10
rxncrc
0
1: Rx – CRC is not checked, CRC part of message is also put in FIFO
(see note 3)
b9
rxbs
0
1: Rx – Bit stream mode, received bits are put in FIFO (no parity and CRC
check) (see note 3)
b8
txncrc
0
1: Tx – Do not generate CRC (see note 3)
b7
txbs
0
1: Tx – Bit stream mode, bits put in FIFO are sent without parity and CRC
generation (see note 3)
b6
fdel<1>
0
PCD-to-PICC delay adjustment (see note 4)
b5
fdel<0>
0
b4
vreg<1>
0
00: 1.8V
10: 2.7V
01: 2.0V
11: 3.3V
External Regulated voltage (VP_REG) setting
b3
vreg<0>
0
b2
rreg<1>
0
00: disabled
10: 50
Ω
01: 100
Ω
11: 25
Ω
External Regulator enable and output
resistance setting
b1
rreg<0>
0
b0
dr8
0
Reserved for internal use
fdel<1:0>
delay [ns]
delay [number of 13.56 MHz periods]
00
442.5
6
01
295.0
4
10
147.5
2
11
590.0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com