Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A-BDFM Datasheet(PDF) 26 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 26 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 22Page - ams AG AS3953A-BDFM Datasheet HTML 23Page - ams AG AS3953A-BDFM Datasheet HTML 24Page - ams AG AS3953A-BDFM Datasheet HTML 25Page - ams AG AS3953A-BDFM Datasheet HTML 26Page - ams AG AS3953A-BDFM Datasheet HTML 27Page - ams AG AS3953A-BDFM Datasheet HTML 28Page - ams AG AS3953A-BDFM Datasheet HTML 29Page - ams AG AS3953A-BDFM Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
www.ams.com
Revision 1.0
26 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.1.6 Direct Command Mode
Direct Command Mode has no arguments, so a single byte is sent. SPI operation mode bits 11 indicate Direct Command Mode. The following six
bits define command code, sent MSB to the LSB. The command is executed on falling edge of last clock.
Figure 12. Sending of a Direct Command
8.1.7 SPI Timing
Table 9. Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
Note
General Timing (VDD = VDD_IO = VDD_D = 3.3V, Temperature 25°C)
TSCLK
SCLK period
200
ns
TSCLK=TSCLKL+TSCLKH, during EEPROM
read the SCLK period has to be increased
to 1µs (this limitation is imposed by
EEPROM read access time)
TSCLKL
SCLK low
80
ns
TSCLKH
SCLK high
80
ns
TSSH
SPI reset (/SS high)
50
ns
TNCSL
/SS falling to SCLK rising
25
ns
first SCLK pulse
TNCSH
SCLK falling to /SS rising
80
ns
last SCLK pulse
TDIS
Data in setup time
10
ns
TDIH
Data in hold time
10
ns
Read Timing (VDD = VDD_IO = VDD_D = 3.3V, Temperature 25°C, CLOAD ≤ 50pF)
TDOD
Data out delay
20
ns
TDOHZ
Data out to high impedance delay
20
ns
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK falling
edge Data is
sampled
/SS rising edge signals
start of command
execution
Two leading
ONE indicate
COMMAND
Mode
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com