Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/S Datasheet(PDF) 233 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/S Datasheet(HTML) 233 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/S Datasheet HTML 229Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 230Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 231Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 232Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 233Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 234Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 235Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 236Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 231
dsPIC30F6011A/6012A/6013A/6014A
SPI Module ......................................................................... 91
Framed SPI Support ................................................... 91
Operating Function Description .................................. 91
Operation During CPU Idle Mode ............................... 93
Operation During CPU Sleep Mode ............................ 93
SDOx Disable ............................................................. 91
Slave Select Synchronization ..................................... 93
SPI1 Register Map...................................................... 94
SPI2 Register Map...................................................... 94
Timing Characteristics
Master Mode (CKE = 0) .................................... 199
Master Mode (CKE = 1) .................................... 200
Slave Mode (CKE = 1) .............................. 201, 203
Timing Requirements
Master Mode (CKE = 0) .................................... 199
Master Mode (CKE = 1) .................................... 201
Slave Mode (CKE = 0) ...................................... 202
Slave Mode (CKE = 1) ...................................... 204
Word and Byte Communication .................................. 91
STATUS Register ............................................................... 16
Symbols used in Opcode Descriptions ............................. 164
System Integration ............................................................ 143
Register Map for dsPIC30F601xA ............................ 161
T
Table Instruction Operation Summary ................................ 51
Temperature and Voltage Specifications
AC ............................................................................. 184
Timer1 Module .................................................................... 69
16-bit Asynchronous Counter Mode ........................... 69
16-bit Synchronous Counter Mode ............................. 69
16-bit Timer Mode ....................................................... 69
Gate Operation ........................................................... 70
Interrupt....................................................................... 71
Operation During Sleep Mode .................................... 70
Prescaler..................................................................... 70
Real-Time Clock ......................................................... 71
Interrupts............................................................. 71
Oscillator Operation ............................................ 71
Register Map............................................................... 72
Timer2 and Timer3 Selection Mode .................................... 88
Timer2/3 Module ................................................................. 73
16-bit Timer Mode ....................................................... 73
32-bit Synchronous Counter Mode ............................. 73
32-bit Timer Mode ....................................................... 73
ADC Event Trigger...................................................... 76
Gate Operation ........................................................... 76
Interrupt....................................................................... 76
Operation During Sleep Mode .................................... 76
Register Map............................................................... 77
Timer Prescaler........................................................... 76
Timer4/5 Module ................................................................. 79
Register Map............................................................... 81
Timing Characteristics
ADC
Low-speed (ASAM = 0, SSRC = 000) .............. 212
Band Gap Start-up Time ........................................... 191
CAN Module I/O........................................................ 209
CLKOUT and I/O....................................................... 188
DCI Module
AC-Link Mode ................................................... 198
Multichannel, I2S Modes ................................... 196
External Clock........................................................... 184
I2C Bus Data
Master Mode ..................................................... 205
Slave Mode ....................................................... 207
I2C Bus Start/Stop Bits
Master Mode..................................................... 205
Slave Mode ...................................................... 207
Input Capture (CAPX)............................................... 194
OC/PWM Module...................................................... 195
Oscillator Start-up Timer........................................... 189
Output Compare Module .......................................... 194
Power-up Timer ........................................................ 189
Reset ........................................................................ 189
SPI Module
Master Mode (CKE = 0).................................... 199
Master Mode (CKE = 1).................................... 200
Slave Mode (CKE = 0)...................................... 201
Slave Mode (CKE = 1)...................................... 203
Type A, B and C Timer External Clock ..................... 192
Watchdog Timer (WDT)............................................ 189
Timing Diagrams
CAN Bit..................................................................... 116
Frame Sync, AC-Link Start of Frame ....................... 126
Frame Sync, Multi-Channel Mode ............................ 126
I2S Interface Frame Sync ......................................... 126
PWM Output ............................................................... 89
Time-out Sequence on Power-up (MCLR
Not Tied to VDD), Case 1.................................. 154
Time-out Sequence on Power-up (MCLR
Not Tied to VDD), Case 2.................................. 155
Time-out Sequence on Power-up (MCLR
Tied to VDD)...................................................... 154
Timing Diagrams.See Timing Characteristics
Timing Requirements
Band Gap Start-up Time........................................... 191
Brown-out Reset....................................................... 190
CAN Module I/O ....................................................... 209
CLKOUT and I/O ...................................................... 188
DCI Module
AC-Link Mode................................................... 198
Multichannel, I2S Modes................................... 197
External Clock .......................................................... 185
I2C Bus Data (Master Mode) .................................... 206
I2C Bus Data (Slave Mode) ...................................... 208
Input Capture............................................................ 194
Oscillator Start-up Timer........................................... 190
Output Compare Module .......................................... 194
Power-up Timer ........................................................ 190
Reset ........................................................................ 190
Simple OC/PWM Mode ............................................ 195
SPI Module
Master Mode (CKE = 0).................................... 199
Master Mode (CKE = 1).................................... 201
Slave Mode (CKE = 0)...................................... 202
Slave Mode (CKE = 1)...................................... 204
Type A Timer External Clock .................................... 192
Type B Timer External Clock .................................... 193
Type C Timer External Clock.................................... 193
Watchdog Timer (WDT)............................................ 190
Timing Specifications
External Clock Requirements ................................... 185
PLL Clock ................................................................. 186
PLL Jitter .................................................................. 186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com