Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCZ33903CD3EK/R2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MCZ33903CD3EK/R2
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CD3EK/R2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CD3EK/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33903/4/5
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0 KBIT/SEC ACCORDING TO LIN PHYSICAL
LAYER SPECIFICATION
BUS LOAD RBUS AND CBUS 1.0 NF / 1.0 K, 6.8 NF / 660 , 10 NF / 500 . SEE Figure 18, PAGE 32.
Duty Cycle 1:
THREC(MAX) = 0.744 * VSUP
THDOM(MAX) = 0.581 * VSUP
D1 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 50 µs, 7.0 V VSUP18 V
D1
0.396
-
-
Duty Cycle 2:
THREC(MIN) = 0.422 * VSUP
THDOM(MIN) = 0.284 * VSUP
D2 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 50 µs, 7.6 V VSUP18 V
D2
-
-
0.581
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR SLOW SLEW RATE - 10.4 KBIT/SEC ACCORDING TO LIN PHYSICAL LAYER
SPECIFICATION
BUS LOAD RBUS AND CBUS 1.0 NF / 1.0 K, 6.8 NF / 660 , 10 NF / 500 . MEASUREMENT THRESHOLDS. SEE Figure 19, PAGE 33.
Duty Cycle 3:
THREC(MAX) = 0.778 * VSUP
THDOM(MAX) = 0.616 * VSUP
D3 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 96 µs, 7.0 V VSUP18 V
D3
0.417
-
-
Duty Cycle 4:
THREC(MIN) = 0.389 * VSUP
THDOM(MIN) = 0.251 * VSUP
D4 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 96 µs, 7.6 V VSUP18 V
D4
-
-
0.590
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR FAST SLEW RATE
LIN Fast Slew Rate (Programming Mode)
SRFAST
-
20
-
V/
s
LIN PHYSICAL LAYER: CHARACTERISTICS AND WAKE-UP TIMINGS
VSUP FROM 7.0 TO 18 V, BUS LOAD RBUS AND CBUS 1.0 NF / 1.0 K, 6.8 NF / 660 , 10 NF / 500 . SEE Figure 18, PAGE 32.
Propagation Delay and Symmetry (See Figure 18, page 31 and Figure 19,
page 33)
Propagation Delay of Receiver, tREC_PD = MAX (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay, tREC_PDF - tREC_PDR
tREC_PD
tREC_SYM
-
-2.0
4.2
-
6.0
2.0
s
Bus Wake-up Deglitcher (LP VDD OFF and LP VDD ON modes) (See Figure 20,
page 32 for LP VDD OFF mode and Figure 21, page 33 for LP mode)
tPROPWL
42
70
95
s
Bus Wake-up Event Reported
From LP VDD OFF mode
From LP VDD ON mode
tWAKE_LPVDD
OFF
tWAKE_LPVDD
ON
-
1.0
-
-
1500
12
s
TXD Permanent Dominant State Delay (Guaranteed by design)
tTXDDOM
0.65
1.0
1.35
s
Table 7. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.5 V
 V
SUP  28 V, - 40 C  T
A  125 C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com