Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
22
Freescale Semiconductor
DDR and DDR2 SDRAM
6.2
DDR SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM interface. The DDR
controller supports both DDR1 and DDR2 memories. DDR1 is supported with the following AC timings
at data rates of 333 MHz. DDR2 is supported with the following AC timings at data rates down to
333 MHz.
6.2.1
DDR SDRAM Input AC Timing Specifications
This table provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 1.8 V.
Table 17 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 2.5 V.
This table provides the input AC timing specifications for the DDR SDRAM interface.
Table 16. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.25
V
AC input high voltage
VIH
MVREF + 0.25
—
V
Table 17. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.31
V
AC input high voltage
VIH
MVREF + 0.31
—
V
Table 18. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC
533 MHz
400 MHz
333 MHz
tCISKEW
–300
–365
–390
300
365
390
ps
1, 2
Notes:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that
is captured with MDQS[n]. This must be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be
determined by the following equation: tDISKEW = ± (T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the
absolute value of tCISKEW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com