Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
59
GPOUT/GPIN
14 GPOUT/GPIN
This section describes the DC and AC electrical specifications for the GPOUT/GPIN bus of the device.
14.1
GPOUT/GPIN Electrical Characteristics
Table 47 and Table 48 provide the DC electrical characteristics for the GPOUT interface.
Table 49 and Table 50 provide the DC electrical characteristics for the GPIN interface.
Table 47. GPOUT DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3 V
BVDD
3.13
3.47
V
High-level output voltage
(BVDD =min, IOH =–2 mA)
VOH
BVDD –0.2
—
V
Low-level output voltage
(BVDD =min, IOL =2mA)
VOL
—0.2
V
Table 48. GPOUT DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 2.5 V
BVDD
2.37
2.63
V
High-level output voltage
(BVDD =min, IOH = –1 mA)
VOH
2.0
BVDD + 0.3
V
Low-level output voltage
(BVDD min, IOL = 1 mA)
VOL
GND – 0.3
0.4
V
Table 49. GPIN DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3 V
BVDD
3.13
3.47
V
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(BVIN
1 = 0 V or BV
IN =BVDD)
IIN
—±5
A
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com