Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
65
High-Speed Serial Interfaces (HSSI)
16 High-Speed Serial Interfaces (HSSI)
The device features one Serializer/Deserializer (SerDes) interface to be used for high-speed serial
interconnect applications. The SerDes interface can be used for PCI Express and/or serial RapidIO data
transfers.
This section describes the common portion of SerDes DC electrical specifications, which is the DC
requirement for SerDes reference clocks. The SerDes data lane’s transmitter and receiver reference circuits
are also shown.
16.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms
used in the description and specification of differential signals.
Figure 38 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for the
description. The figure shows a waveform for either a transmitter output (SD_TX and SD_TX) or a
receiver input (SD_RX and SD_RX). Each signal swings between A volts and B volts where A > B.
Using this waveform, the definitions are as follows. To simplify the illustration, the following definitions
assume that the SerDes transmitter and receiver operate in a fully symmetrical differential signaling
environment.
•
Single-ended swing
The transmitter output signals and the receiver input signals SD_TX, SD_TX, SD_RX and SD_RX
each have a peak-to-peak swing of A – B volts. This is also referred as each signal wire’s
single-ended swing.
•
Differential output voltage, VOD (or differential output swing):
The differential output voltage (or swing) of the transmitter, VOD, is defined as the difference of
the two complimentary output voltages: VSD_TX –VSD_TX. The VOD value can be either positive
or negative.
•
Differential input voltage, VID (or differential input swing):
The differential input voltage (or swing) of the receiver, VID, is defined as the difference of the two
complimentary input voltages: VSD_RX –VSD_RX. The VID value can be either positive or
negative.
•
Differential peak voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as differential peak voltage, VDIFFp = |A – B| volts.
•
Differential peak-to-peak, VDIFFp-p
Because the differential output signal of the transmitter and the differential input signal of the
receiver each range from A – B to –(A – B) volts, the peak-to-peak value of the differential
transmitter output signal or the differential receiver input signal is defined as differential
peak-to-peak voltage, VDIFFp-p = 2  VDIFFp = 2  |(A – B)| volts, which is twice of differential
swing in amplitude, or twice of the differential peak. For example, the output differential
peak-to-peak voltage can also be calculated as VTX-DIFFp-p = 2 |VOD|.
•
Common mode voltage, Vcm
The common mode voltage is equal to one half of the sum of the voltages between each conductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com