Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHC Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
19
RESET Initialization
5
RESET Initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements of
the device. The following table provides the RESET initialization AC timing specifications for the DDR
SDRAM component(s).
The following table provides the PLL lock times.
5.1
Power-On Ramp Rate
This section describes the AC electrical specifications for the power-on ramp rate requirements.
Controlling the maximum power-on ramp rate is required to avoid falsely triggering the ESD circuitry. The
following table provides the power supply ramp rate specifications.
Table 8. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET
100
—
s—
Minimum assertion time for SRESET
3
—
SYSCLKs
1
PLL input setup time with stable SYSCLK before HRESET negation
100
—
s—
Input setup time for POR configs (other than PLL config) with respect to
negation of HRESET
4
—
SYSCLKs
1
Input hold time for all POR configs (including PLL config) with respect to
negation of HRESET
2
—
SYSCLKs
1
Maximum valid-to-high impedance time for actively driven POR configs with
respect to negation of HRESET
—
5
SYSCLKs
1
Note:
1. SYSCLK is the primary clock input for the device.
Table 9. PLL Lock Times
Parameter/Condition
Min
Max
Unit
Core and platform PLL lock times
—
100
s
Local bus PLL lock time
—
50
s
PCI/PCI-X bus PLL lock time
—
50
s
Table 10. Power Supply Ramp Rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for MVREF
—
3500
V/s
1
Required ramp rate for VDD
—
4000
V/s
1, 2
Note:
1. Maximum ramp rate from 200 to 500 mV is most critical as this range may falsely trigger the ESD circuitry.
2. VDD itself is not vulnerable to false ESD triggering; however, as per Section 22.2, “PLL Power Supply Filtering,” the
recommended AVDD_CORE, AVDD_PLAT, AVDD_LBIU, AVDD_PCI1 and AVDD_PCI2 filters are all connected to VDD.
Their ramp rates must be equal to or less than the VDD ramp rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com