Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
11
Electrical Characteristics
2.1.2
Recommended Operating Conditions
The following table provides the recommended operating conditions for this device. Note that the values
in this table are the recommended and tested operating conditions. Proper device operation outside these
conditions is not guaranteed.
Storage temperature range
TSTG
–55 to 150
C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. The –0.3 to 2.75 V range is for DDR and –0.3 to 1.98 V range is for DDR2.
3. The 3.63 V maximum is only supported when the port is configured in GMII, MII, RMII, or TBI modes; otherwise the 2.75 V
maximum applies. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications,” for details on
the recommended operating conditions per protocol.
4. (M,L,O)VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.1 V ± 55 mV
V
—
PLL supply voltage
AVDD
1.1 V ± 55 mV
V
1
Core power supply for SerDes transceivers
SVDD
1.1 V ± 55 mV
V
—
Pad power supply for SerDes transceivers
XVDD
1.1 V ± 55 mV
V
—
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Three-speed Ethernet I/O voltage
LVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V
4
TVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
—
4
PCI/PCI-X, DUART, system control and power management, I2C,
Ethernet MII management, and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
3
Local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
Input voltage
DDR and DDR2 DRAM signals
MVIN
GND to GVDD
V
2
DDR and DDR2 DRAM reference
MVREF
GND to GVDD/2
V
2
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V
4
Local bus signals
BVIN
GND to BVDD
V—
PCI, DUART, SYSCLK, system control and power
management, I2C, Ethernet MII management, and
JTAG signals
OVIN
GND to OVDD
V
3
Table 1. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Max Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com