| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 211 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 211 Page - Microchip Technology |
|
211 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 209 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 15-13: TRGCONx: PWMx TRIGGER CONTROL REGISTER R/W-0 R/W-0 R/W-0 R/W-0 U-0 U-0 U-0 U-0 TRGDIV<3:0> — — — — bit 15 bit 8 R/W-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 DTM(1) —TRGSTRT<5:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-12 TRGDIV<3:0> : Trigger # Output Divider bits 0000 = Trigger output for every trigger event 0001 = Trigger output for every 2nd trigger event 0010 = Trigger output for every 3rd trigger event 0011 = Trigger output for every 4th trigger event 0100 = Trigger output for every 5th trigger event 0101 = Trigger output for every 6th trigger event 0110 = Trigger output for every 7th trigger event 0111 = Trigger output for every 8th trigger event 1000 = Trigger output for every 9th trigger event 1001 = Trigger output for every 10th trigger event 1010 = Trigger output for every 11th trigger event 1011 = Trigger output for every 12th trigger event 1100 = Trigger output for every 13th trigger event 1101 = Trigger output for every 14th trigger event 1110 = Trigger output for every 15th trigger event 1111 = Trigger output for every 16th trigger event bit 11-8 Unimplemented: Read as ‘0’ bit 7 DTM: Dual Trigger Mode bit(1) 1 = Secondary trigger event is combined with the primary trigger event to create the PWM trigger. 0 = Secondary trigger event is not combined with the primary trigger event to create the PWM trigger. Two separate PWM triggers are generated. bit 6 Unimplemented: Read as ‘0’ bit 5-0 TRGSTRT<5:0>: Trigger Postscaler Start Enable Select bits 000000 = Wait 0 PWM cycles before generating the first trigger event after the module is enabled 000001 = Wait 1 PWM cycles before generating the first trigger event after the module is enabled 000010 = Wait 1 PWM cycles before generating the first trigger event after the module is enabled • • • 111111 = Wait 63 PWM cycles before generating the first trigger event after the module is enabled Note 1: The secondary generator cannot generate PWM trigger interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |