Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 94 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 94 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 90Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 91Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 92Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 92
Preliminary
© 2009 Microchip Technology Inc.
6.2
Power-on Reset (POR)
A Power-on Reset (POR) circuit ensures the device is
reset from power-on. The POR circuit is active until
VDD crosses the VPOR threshold and the delay, TPOR,
has elapsed. The delay, TPOR, ensures the internal
device bias circuits become stable.
The device supply voltage characteristics must meet
the
specified
starting
voltage
and
rise
rate
requirements to generate the POR. Refer to
Section 24.0 “Electrical Characteristics”
for details.
The POR status (POR) bit in the Reset Control
(RCON<0>) register is set to indicate the Power-on
Reset.
6.2.1
Brown-out Reset (BOR) and
Power-up Timer (PWRT)
The on-chip regulator has a Brown-out Reset (BOR)
circuit that resets the device when the VDD is too low
(VDD < VBOR) for proper device operation. The BOR
circuit keeps the device in Reset until VDD crosses the
VBOR threshold and the delay, TBOR, has elapsed. The
delay, TBOR, ensures the voltage regulator output
becomes stable.
The BOR status (BOR) bit in the Reset Control
(RCON<1>) register is set to indicate the Brown-out
Reset.
The device will not run at full speed after a BOR as the
VDD should rise to acceptable levels for full-speed
operation. The PWRT provides power-up time delay
(TPWRT) to ensure that the system power supplies have
stabilized at the appropriate levels for full-speed
operation before the SYSRST is released.
The power-up timer delay (TPWRT) is programmed by
the
Power-on
Reset
Timer
Value
Select
(FPWRT<2:0>) bits in the POR Configuration
(FPOR<2:0>) register, which provides eight settings
(from 0 ms to 128 ms). Refer to Section 21.0 “Special
Features”
for further details.
Figure 6-3 shows the typical brown-out scenarios. The
reset delay (TBOR + TPWRT) is initiated each time VDD
rises above the VBOR trip point
TABLE 6-2:
OSCILLATOR DELAY
Symbol
Parameter
Value
VPOR
POR threshold
1.8V nominal
TPOR
POR extension time
30
μs maximum
VBOR
BOR threshold
2.5V nominal
TBOR
BOR extension time
100
μs maximum
TPWRT
Programmable power-up time delay
0-128 ms nominal
TFSCM
Fail-Safe Clock Monitor delay
900
μs maximum
Note:
When the device exits the Reset
condition (begins normal operation), the
device operating parameters (voltage,
frequency, temperature, etc.) must be
within their operating ranges; otherwise,
the device may not function correctly.
The user application must ensure that
the delay between the time power is first
applied, and the time SYSRST becomes
inactive, is long enough to get all operat-
ing parameters within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com