Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 36 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 36 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 34Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 35Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 39Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 34
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 3-2:
CORCON: CORE CONTROL REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R-0
R-0
R-0
—
—
—US
EDT(1)
DL<2:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/C-0
R/W-0
R/W-0
R/W-0
SATA
SATB
SATDW
ACCSAT
IPL3(2)
PSV
RND
IF
bit 7
bit 0
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
0’ = Bit is cleared
‘x = Bit is unknown
U = Unimplemented bit, read as ‘0’
bit 15-13
Unimplemented:
Read as ‘0’
bit 12
US:
DSP Multiply Unsigned/Signed Control bit
1
= DSP engine multiplies are unsigned
0
= DSP engine multiplies are signed
bit 11
EDT:
Early DO Loop Termination Control bit(1)
1
= Terminate executing DO loop at end of current loop iteration
0
= No effect
bit 10-8
DL<2:0>: DO
Loop Nesting Level Status bits
111
= 7 DO loops active
•
•
•
001
= 1 DO loop active
000
= 0 DO loops active
bit 7
SATA:
ACCA Saturation Enable bit
1
= Accumulator A saturation enabled
0
= Accumulator A saturation disabled
bit 6
SATB:
ACCB Saturation Enable bit
1
= Accumulator B saturation enabled
0
= Accumulator B saturation disabled
bit 5
SATDW:
Data Space Write from DSP Engine Saturation Enable bit
1
= Data space write saturation enabled
0
= Data space write saturation disabled
bit 4
ACCSAT:
Accumulator Saturation Mode Select bit
1
= 9.31 saturation (super saturation)
0
= 1.31 saturation (normal saturation)
bit 3
IPL3:
CPU Interrupt Priority Level Status bit 3(2)
1
= CPU Interrupt Priority Level is greater than 7
0
= CPU Interrupt Priority Level is 7 or less
bit 2
PSV:
Program Space Visibility in Data Space Enable bit
1
= Program space visible in data space
0
= Program space not visible in data space
bit 1
RND:
Rounding Mode Select bit
1
= Biased (conventional) rounding enabled
0
= Unbiased (convergent) rounding enabled
bit 0
IF:
Integer or Fractional Multiplier Mode Select bit
1
= Integer mode enabled for DSP multiply ops
0
= Fractional mode enabled for DSP multiply ops
Note 1:
This bit will always read as ‘0’.
2:
The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU Interrupt Priority Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com