Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ16GS404 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 1
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04
Operating Range:
• Up to 40 MIPS Operation (at 3.0-3.6V):
- Industrial temperature range (-40°C to +85°C)
- Extended temperature range (-40°C to +125°C)
High-Performance DSC CPU:
• Modified Harvard Architecture
• C Compiler Optimized Instruction Set
• 16-Bit Wide Data Path
• 24-Bit Wide Instructions
• Linear Program Memory Addressing up to
4M Instruction Words
• Linear Data Memory Addressing up to 64 Kbytes
• 83 Base Instructions: Mostly 1 Word/1 Cycle
• Two 40-Bit Accumulators with Rounding and
Saturation Options
• Flexible and Powerful Addressing modes:
-Indirect
- Modulo
- Bit-Reversed
• Software Stack
• 16 x 16 Fractional/Integer Multiply Operations
• 32/16 and 16/16 Divide Operations
• Single-Cycle Multiply and Accumulate:
- Accumulator write back for DSP operations
- Dual data fetch
• Up to ±16-Bit Shifts for up to 40-Bit Data
Digital I/O:
• Peripheral Pin Select Functionality
• Up to 35 Programmable Digital I/O Pins
• Wake-up/Interrupt-on-Change for up to 30 Pins
• Output Pins can Drive Voltage from 3.0V to 3.6V
• Up to 5V Output with Open-Drain Configuration
• 5V Tolerant Digital Input Pins (except RB5)
• 16 mA Source/Sink on All PWM pins
On-Chip Flash and SRAM:
• Flash Program Memory (up to 16 Kbytes)
• Data SRAM (up to 2 Kbytes)
• Boot and General Security for Program Flash
Peripheral Features:
• Timer/Counters, up to Three 16-Bit Timers:
- Can pair up to make one 32-bit timer
• Input Capture (up to two channels):
- Capture on up, down or both edges
- 16-bit capture input functions
- 4-deep FIFO on each capture
• Output Compare (up to two channels):
- Single or Dual 16-Bit Compare mode
- 16-Bit Glitchless PWM mode
• 4-Wire SPI:
- Framing supports I/O interface to simple
codecs
- 1-deep FIFO Buffer.
- Supports 8-bit and 16-bit data
- Supports all serial clock formats and
sampling modes
•I2C™:
- Supports Full Multi-Master Slave mode
- 7-bit and 10-bit addressing
- Bus collision detection and arbitration
- Integrated signal conditioning
- Slave address masking
•UART:
- Interrupt on address bit detect
- Interrupt on UART error
- Wake-up on Start bit from Sleep mode
- 4-character TX and RX FIFO buffers
- LIN bus support
-IrDA® encoding and decoding in hardware
- High-Speed Baud mode
- Hardware Flow Control with CTS and RTS
Interrupt Controller:
• 5-Cycle Latency
• Up to 35 Available Interrupt Sources
• Up to Three External Interrupts
• Seven Programmable Priority Levels
• Four Processor Exceptions
High-Performance, 16-Bit Digital Signal Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com