Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 97 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 97 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 98Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 99Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 100Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 95
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
7.0
INTERRUPT CONTROLLER
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 interrupt controller reduces the numerous peripheral
interrupt request signals to a single interrupt request
signal
to
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04 CPU. It has the following
features:
• Up to eight processor exceptions and software
traps
• Seven user-selectable priority levels
• Interrupt Vector Table (IVT) with up to 118 vectors
• A unique vector for each interrupt or exception
source
• Fixed priority within a specified user priority level
• Alternate Interrupt Vector Table (AIVT) for debug
support
• Fixed interrupt entry and return latencies
7.1
Interrupt Vector Table
The Interrupt Vector Table (IVT) is shown in Figure 7-1.
The IVT resides in program memory, starting at location
000004h. The IVT contains 126 vectors, consisting of
eight nonmaskable trap vectors, plus up to 118 sources
of interrupt. In general, each interrupt source has its own
vector. Each interrupt vector contains a 24-bit-wide
address. The value programmed into each interrupt
vector location is the starting address of the associated
Interrupt Service Routine (ISR).
Interrupt vectors are prioritized in terms of their natural
priority. This priority is linked to their position in the
vector table. Lower addresses generally have a higher
natural priority. For example, the interrupt associated
with vector 0 will take priority over interrupts at any
other vector address.
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices implement up to 35 unique interrupts and
4 non-maskable traps. These are summarized in
Table 7-1.
7.1.1
ALTERNATE INTERRUPT VECTOR
TABLE
The Alternate Interrupt Vector Table (AIVT) is located
after the IVT, as shown in Figure 7-1. Access to the
AIVT is provided by the ALTIVT control bit
(INTCON2<15>). If the ALTIVT bit is set, all interrupt
and exception processes use the alternate vectors
instead of the default vectors. The alternate vectors are
organized in the same manner as the default vectors.
The AIVT supports debugging by providing a means to
switch between an application and a support
environment without requiring the interrupt vectors to
be reprogrammed. This feature also enables switching
between applications for evaluation of different
software algorithms at run time. If the AIVT is not
needed, the AIVT should be programmed with the
same addresses used in the IVT.
7.2
Reset Sequence
A device Reset is not a true exception because the
interrupt controller is not involved in the Reset process.
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 device clears its registers in response to a Reset,
which forces the PC to zero. The digital signal controller
then begins program execution at location 0x000000. A
GOTO
instruction at the Reset address can redirect
program execution to the appropriate start-up routine.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
41.
“Interrupts (Part IV)”
(DS70300), which
is available on the Microchip web site
(www.microchip.com).
Note:
Any unimplemented or unused vector
locations in the IVT and AIVT should be
programmed with the address of a default
interrupt handler routine that contains a
RESET
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com