Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 84 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 84 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 80Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 81Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 82Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 83Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 84Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 85Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 86Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 87Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 82
Preliminary
© 2009 Microchip Technology Inc.
5.2
RTSP Operation
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 Flash program memory array is organized into rows
of 64 instructions or 192 bytes. RTSP allows the user
application to erase a page of memory, which consists of
eight rows (512 instructions) at a time, and to program
one row or one word at a time. Table 24-12 shows typical
erase and programming times. The 8-row erase pages
and single row write rows are edge-aligned from the
beginning of program memory, on boundaries of
1536 bytes and 192 bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers sequentially. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by
setting the control bits in the NVMCON register. A total
of 64 TBLWTL and TBLWTH instructions are required
to load the instructions.
All of the table write operations are single-word writes
(two instruction cycles) because only the buffers are
written. A programming cycle is required for
programming each row.
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode.
The
processor
stalls (waits)
until
the
programming operation is finished.
The programming time depends on the FRC accuracy
(see Table 24-20) and the value of the FRC Oscillator
Tuning register (see Register 8-4). Use the following
formula to calculate the minimum and maximum values
for the Row Write Time, Page Erase Time, and Word
Write Cycle Time parameters (see Table 24-12).
EQUATION 5-1:
PROGRAMMING TIME
For example, if the device is operating at +125°C,
the FRC accuracy will be ±5%. If the TUN<5:0> bits
(see Register 8-4) are set to ‘b111111, the
Minimum Row Write Time is:
and, the Maximum Row Write Time is:
Setting the WR bit (NVMCON<15>) starts the opera-
tion, and the WR bit is automatically cleared when the
operation is finished.
5.4
Control Registers
Two SFRs are used to read and write the program
Flash memory: NVMCON and NVMKEY.
The NVMCON register (Register 5-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY is a write-only register that is used for write
protection. To start a programming or erase sequence,
the user application must consecutively write 0x55 and
0xAA to the NVMKEY register. Refer to Section 5.3
“Programming Operations”
for further details.
T
7.37 MHz
FRC Accuracy
()%
FRC Tuning
()%
×
×
--------------------------------------------------------------------------------------------------------------------------
T
RW
11064 Cycles
7.37 MHz
10.05
+
()
1
0.00375
–
()
×
×
----------------------------------------------------------------------------------------------
1.435ms
=
=
T
RW
11064 Cycles
7.37 MHz
10.05
–
()
1
0.00375
–
()
×
×
----------------------------------------------------------------------------------------------1.586ms
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com