Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 127 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 127 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 123Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 124Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 125Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 126Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 127Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 128Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 129Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 130Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 125
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 7-28:
IPC23: INTERRUPT PRIORITY CONTROL REGISTER 23
U-0
R/W-1
R/W-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—PWM2IP(1)
—
PWM1IP<2:0>
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
PWM2IP<2:0>:
PWM2 Interrupt Priority bits(1)
111
= Interrupt is priority 7 (highest priority)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
PWM1IP<2:0>:
PWM1 Interrupt Priority bits
111
= Interrupt is priority 7 (highest priority)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled
bit 7-0
Unimplemented:
Read as ‘0’
Note 1:
These bits are not implemented in dsPIC33FJ06GS101/102 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com