Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 139 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 139 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 135Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 136Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 137Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 138Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 139Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 140Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 141Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 142Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 137
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
8.1.3
PLL CONFIGURATION
The primary oscillator and internal FRC oscillator can
optionally use an on-chip PLL to obtain higher speeds
of operation. The PLL provides significant flexibility in
selecting the device operating speed. A block diagram
of the PLL is shown in Figure 8-2.
The output of the primary oscillator or FRC, denoted as
‘FIN’, is divided down by a prescale factor (N1) of 2, 3,
... or 33 before being provided to the PLL’s Voltage
Controlled Oscillator (VCO). The input to the VCO must
be selected in the range of 0.8 MHz to 8 MHz. The
prescale
factor
‘N1’
is
selected
using
the
PLLPRE<4:0> bits (CLKDIV<4:0>).
The PLL Feedback Divisor, selected using the
PLLDIV<8:0> bits (PLLFBD<8:0>), provides a factor, ‘M’,
by which the input to the VCO is multiplied. This factor
must be selected such that the resulting VCO output
frequency is in the range of 100 MHz to 200 MHz.
The VCO output is further divided by a postscale factor,
‘N2’. This factor is selected using the PLLPOST<1:0>
bits (CLKDIV<7:6>). ‘N2’ can be either 2, 4, or 8, and
must be selected such that the PLL output frequency
(FOSC) is in the range of 12.5 MHz to 80 MHz, which
generates device operating speeds of 6.25-40 MIPS.
For a primary oscillator or FRC oscillator, output ‘FIN’,
the PLL output ‘FOSC’ is given by Equation 8-2.
EQUATION 8-2:
FOSC CALCULATION
For example, suppose a 10 MHz crystal is being used
with the selected oscillator mode of XT with PLL (see
Equation 8-3).
• If PLLPRE<4:0> = 0, then N1 = 2. This yields a
VCO input of 10/2 = 5 MHz, which is within the
acceptable range of 0.8-8 MHz.
• If PLLDIV<8:0> = 0x1E, then M = 32. This yields a
VCO output of 5 x 32 = 160 MHz, which is within
the 100-200 MHz ranged needed.
• If PLLPOST<1:0> = 0, then N2 = 2. This provides
a Fosc of 160/2 = 80 MHz. The resultant device
operating speed is 80/2 = 40 MIPS.
EQUATION 8-3:
XT WITH PLL MODE
EXAMPLE
FIGURE 8-2:
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 PLL BLOCK DIAGRAM
8.2
Auxiliary Clock Generation
The auxiliary clock generation is used for a peripherals
that need to operate at a frequency unrelated to the
system clock such as a PWM or ADC.
The primary oscillator and internal FRC oscillator
sources can be used with an auxiliary PLL to obtain the
auxiliary clock. The auxiliary PLL has a fixed 16x
multiplication factor.
8.3
Reference Clock Generation
The reference clock output logic provides the user with
the ability to output a clock signal based on the system
clock or the crystal oscillator on a device pin. The user
application can specify a wide range of clock scaling
prior to outputting the reference clock.
(
)
M
N1*N2
FOSC = FIN *
FCY =
FOSC
2
==
1
2
(
10000000 * 32
2 * 2
) 40 MIPS
0.8-8.0 MHz
Here(1)
100-200 MHz
Here(1)
Divide by
2, 4, 8
Divide by
2-513
Divide by
2-33
Source (Crystal, External
PLLPRE
X
VCO
PLLDIV
PLLPOST
Clock or Internal RC)
12.5-80 MHz
Here(1)
FOSC
FVCO
N1
M
N2
Note 1:
This frequency range must be satisfied at all times.
Note:
To achieve 1.04 ns PWM resolution, the
auxiliary clock must be set up for 120 MHz.
Note:
If the primary PLL is used as a source for
the auxiliary clock, then the primary PLL
should be configured up to a maximum
operation of 30 MIPS or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com