| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 146 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 146 Page - Microchip Technology |
|
146 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 144 Preliminary © 2009 Microchip Technology Inc. REGISTER 8-6: REFOCON: REFERENCE OSCILLATOR CONTROL REGISTER R/W-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 ROON — ROSIDL ROSEL RODIV<3:0>(1) bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 ROON: Reference Oscillator Output Enable bit 1 = Reference oscillator output enabled on REFCLK0(2) pin 0 = Reference oscillator output disabled bit 14 Unimplemented: Read as ‘0’ bit 13 ROSIDL: Reference Oscillator Run in Sleep bit 1 = Reference oscillator output continues to run in Sleep 0 = Reference oscillator output is disabled in Sleep bit 12 ROSEL: Reference Oscillator Source Select bit 1 = Oscillator crystal used as the reference clock 0 = System clock used as the reference clock bit 11-8 RODIV<3:0>: Reference Oscillator Divider bits(1) 1111 = Reference clock divided by 32,768 1110 = Reference clock divided by 16,384 1101 = Reference clock divided by 8,192 1100 = Reference clock divided by 4,096 1011 = Reference clock divided by 2,048 1010 = Reference clock divided by 1,024 1001 = Reference clock divided by 512 1000 = Reference clock divided by 256 0111 = Reference clock divided by 128 0110 = Reference clock divided by 64 0101 = Reference clock divided by 32 0100 = Reference clock divided by 16 0011 = Reference clock divided by 8 0010 = Reference clock divided by 4 0001 = Reference clock divided by 2 0000 = Reference clock bit 7-0 Unimplemented: Read as ‘0’ Note 1: The reference oscillator output must be disabled (ROON = 0) before writing to these bits. 2: This pin is remappable. Refer to Section 10.4 “Peripheral Pin Select” for more information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |