| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 161 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 161 Page - Microchip Technology |
|
161 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 159 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 10.4.2.2 Output Mapping In contrast to inputs, the outputs of the peripheral pin select options are mapped on the basis of the pin. In this case, a control register associated with a particular pin dictates the peripheral output to be mapped. The RPORx registers are used to control output mapping. Like the RPINRx registers, each register contains sets of 6-bit fields, with each set associated with one RPn pin (see Register 10-15 through Register 10-31). The value of the bit field corresponds to one of the peripherals, and that peripheral’s output is mapped to the pin (see Table 10-2 and Figure 10-3). The list of peripherals for output mapping also includes a null value of ‘00000’ because of the mapping technique. This permits any given pin to remain unconnected from the output of any of the pin selectable peripherals. FIGURE 10-3: MULTIPLEXING OF REMAPPABLE OUTPUT FOR RPn TABLE 10-2: OUTPUT SELECTION FOR REMAPPABLE PIN (RPn) 0 45 3 RPORn<5:0> Default U1TX Output Enable U1RTS Output Enable 4 PWM4L Output Enable 19 OC2 Output Enable 0 45 3 Default U1TX Output U1RTS Output 4 PWM4L Output 19 OC2 Output Output Enable Output Data RPn Function RPORn<5:0> Output Name NULL 000000 RPn tied to default port pin U1TX 000011 RPn tied to UART1 transmit U1RTS 000100 RPn tied to UART1 ready to send SDO1 000111 RPn tied to SPI1 data output SCK1 001000 RPn tied to SPI1 clock output SS1 001001 RPn tied to SPI1 slave select output OC1 010010 RPn tied to Output Compare 1 OC2 010011 RPn tied to Output Compare 2 SYNCO1 100101 RPn tied to external device synchronization signal via PWM master time base REFCLKO 100110 REFCLK output signal ACMP1 100111 RPn tied to Analog Comparator Output 1 ACMP2 101000 RPn tied to Analog Comparator Output 2 ACMP3 101001 RPn tied to Analog Comparator Output 3 ACMP4 101010 RPn tied to Analog Comparator Output 4 PWM4H 101100 RPn tied to PWM output pins associated with PWM Generator 4 PWM4L 101101 RPn tied to PWM output pins associated with PWM Generator 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |