Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 188 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 188 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 184Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 185Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 186Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 187Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 188Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 186
Preliminary
© 2009 Microchip Technology Inc.
The Timer2/3 module can operate in one of the
following modes:
•Timer mode
• Gated Timer mode
• Synchronous Counter mode
In Timer and Gated Timer modes, the input clock is
derived from the internal instruction cycle clock (FCY).
In Synchronous Counter mode, the input clock is
derived from the external clock input at the TxCK pin.
The timer modes are determined by the following bits:
• TCS (TxCON<1>): Timer Clock Source Control bit
• TGATE (TxCON<6>): Timer Gate Control bit
Timer control bit settings for different operating modes
are given in the Table 12-1.
TABLE 12-1:
TIMER MODE SETTINGS
12.1
16-Bit Operation
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer.
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value into the PRx
register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE. Use the priority bits, TxIP<2:0>, to set
the interrupt priority.
6.
Set the TON bit.
12.2
32-Bit Operation
A 32-bit timer module can be formed by combining a
Type B and a Type C 16-bit timer module. For 32-bit
timer operation, the T32 control bit in the Type B Timer
Control (TxCON<3>) register must be set. The Type C
timer holds the most significant word (msw) and the
Type B timer holds the least significant word (lsw)
for 32-bit operation.
When configured for 32-bit operation, only the Type B
Timer Control (TxCON) register bits are required for
setup and control while the Type C Timer Control
register bits are ignored (except the TSIDL bit).
For interrupt control, the combined 32-bit timer uses
the interrupt enable, interrupt flag and interrupt priority
control bits of the Type C timer. The interrupt control
and status bits for the Type B timer are ignored
during 32-bit timer operation.
The Timer2 and Timer 3 that can be combined to form a
32-bit timer are listed in Table 12-2.
TABLE 12-2:
32-BIT TIMER
A block diagram representation of the 32-bit timer
module is shown in Figure 12-3. The 32-timer module
can operate in one of the following modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
To configure the features of Timer2/3 for 32-bit
operation:
1.
Set the T32 control bit.
2.
Select the prescaler ratio for Timer2 using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the
corresponding TCS and TGATE bits.
4.
Load the timer period value. PR3 contains the
most significant word of the value, while PR2
contains the least significant word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE. Use the priority bits, T3IP<2:0>, to set
the interrupt priority. While Timer2 controls the
timer, the interrupt appears as a Timer3
interrupt.
6.
Set the corresponding TON bit.
The timer value at any point is stored in the register
pair, TMR3:TMR2, which always contains the most
significant word of the count, while TMR2 contains the
least significant word.
Mode
TCS
TGATE
Timer
00
Gated Timer
01
Synchronous Counter
1x
Type B Timer (lsw)
Type C Timer (msw)
Timer2
Timer3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com