| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 195 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 195 Page - Microchip Technology |
|
195 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 193 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 14.0 OUTPUT COMPARE The output compare module can select either Timer2 or Timer3 for its time base. The module compares the value of the timer with the value of one or two Compare registers depending on the operating mode selected. The state of the output pin changes when the timer value matches the Compare register value. The output compare module generates either a single output pulse, or a sequence of output pulses, by changing the state of the output pin on the compare match events. The output compare module can also generate interrupts on compare match events. The output compare module has multiple operating modes: • Active-Low One-Shot mode • Active-High One-Shot mode • Toggle mode • Delayed One-Shot mode • Continuous Pulse mode • PWM mode without Fault Protection • PWM mode with Fault Protection FIGURE 14-1: OUTPUT COMPARE MODULE BLOCK DIAGRAM Note: This data sheet summarizes the features of the dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 families of devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual” , Section 13. “Output Compare” (DS70209), which is available on the Microchip web site (www.microchip.com). OCxR Comparator Output Logic OCM<2:0> Output Enable OCx Set Flag bit OCxIF OCxRS Mode Select 3 0 1 OCTSEL 0 1 16 16 OCFA TMR2 TMR2 Q S R TMR3 TMR3 Rollover Rollover Note: An ‘x’ in a signal, register or bit name denotes the number of the output compare channels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |