Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722IPTSQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F8722IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722IPTSQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F8722IPTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 29Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 30Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 31Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 32Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 33Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 34Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 35Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 446 page
background image
PIC18F8722 FAMILY
DS39646C-page 30
© 2008 Microchip Technology Inc.
PORTJ is a bidirectional I/O port.
RJ0/ALE
RJ0
ALE
62
I/O
O
ST
—
Digital I/O.
External memory address latch enable.
RJ1/OE
RJ1
OE
61
I/O
O
ST
—
Digital I/O.
External memory output enable.
RJ2/WRL
RJ2
WRL
60
I/O
O
ST
—
Digital I/O.
External memory write low control.
RJ3/WRH
RJ3
WRH
59
I/O
O
ST
—
Digital I/O.
External memory write high control.
RJ4/BA0
RJ4
BA0
39
I/O
O
ST
—
Digital I/O.
External memory byte address 0 control.
RJ5/CE
RJ4
CE
40
I/O
O
ST
—
Digital I/O
External memory chip enable control.
RJ6/LB
RJ6
LB
41
I/O
O
ST
—
Digital I/O.
External memory low byte control.
RJ7/UB
RJ7
UB
42
I/O
O
ST
—
Digital I/O.
External memory high byte control.
VSS
11, 31, 51, 70
P
—
Ground reference for logic and I/O pins.
VDD
12, 32, 48, 71
P
—
Positive supply for logic and I/O pins.
AVSS
26
P
—
Ground reference for analog modules.
AVDD
25
P
—
Positive supply for analog modules.
TABLE 1-4:
PIC18F8527/8622/8627/8722 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels Analog= Analog input
I
= Input
O
= Output
P= Power
I2C™/SMB
= I2C/SMBus input buffer
Note 1:
Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared (all operating modes except
Microcontroller mode).
2:
Default assignment for ECCP2 in all operating modes (CCP2MX is set).
3:
Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only).
4:
Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set).
5:
Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com