Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722IPTSQTP Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC18F8722IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722IPTSQTP Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC18F8722IPTSQTP Datasheet HTML 95Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 96Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 97Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 98Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 99Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 100Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 101Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 102Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 97
PIC18F8722 FAMILY
7.0
EXTERNAL MEMORY BUS
The External Memory Bus (EMB) allows the device to
access external memory devices (such as Flash,
EPROM, SRAM, etc.) as program or data memory. It
supports both 8-bit and 16-bit Data Width modes and
four address widths from 8 to 20 bits.
The bus is implemented with 28 pins, multiplexed
across four I/O ports. Three ports (PORTD, PORTE
and PORTH) are multiplexed with the address/data bus
for a total of 20 available lines, while PORTJ is
multiplexed with the bus control signals.
A list of the pins and their functions is provided in
Table 7-1.
TABLE 7-1:
PIC18F8527/8622/8627/8722 EXTERNAL BUS – I/O PORT FUNCTIONS
Note:
The External Memory Bus is not imple-
mented on PIC18F6527/6622/6627/6722
(64-pin) devices.
Name
Port
Bit
External Memory Bus Function
RD0/AD0
PORTD
0
Address bit 0 or Data bit 0
RD1/AD1
PORTD
1
Address bit 1 or Data bit 1
RD2/AD2
PORTD
2
Address bit 2 or Data bit 2
RD3/AD3
PORTD
3
Address bit 3 or Data bit 3
RD4/AD4
PORTD
4
Address bit 4 or Data bit 4
RD5/AD5
PORTD
5
Address bit 5 or Data bit 5
RD6/AD6
PORTD
6
Address bit 6 or Data bit 6
RD7/AD7
PORTD
7
Address bit 7 or Data bit 7
RE0/AD8
PORTE
0
Address bit 8 or Data bit 8
RE1/AD9
PORTE
1
Address bit 9 or Data bit 9
RE2/AD10
PORTE
2
Address bit 10 or Data bit 10
RE3/AD11
PORTE
3
Address bit 11 or Data bit 11
RE4/AD12
PORTE
4
Address bit 12 or Data bit 12
RE5/AD13
PORTE
5
Address bit 13 or Data bit 13
RE6/AD14
PORTE
6
Address bit 14 or Data bit 14
RE7/AD15
PORTE
7
Address bit 15 or Data bit 15
RH0/A16
PORTH
0
Address bit 16
RH1/A17
PORTH
1
Address bit 17
RH2/A18
PORTH
2
Address bit 18
RH3/A19
PORTH
3
Address bit 19
RJ0/ALE
PORTJ
0
Address Latch Enable (ALE) Control pin
RJ1/OE
PORTJ
1
Output Enable (OE) Control pin
RJ2/WRL
PORTJ
2
Write Low (WRL) Control pin
RJ3/WRH
PORTJ
3
Write High (WRH) Control pin
RJ4/BA0
PORTJ
4
Byte Address bit 0 (BA0)
RJ5/CE
PORTJ
5
Chip Enable (CE) Control pin
RJ6/LB
PORTJ
6
Lower Byte Enable (LB) Control pin
RJ7/UB
PORTJ
7
Upper Byte Enable (UB) Control pin
Note:
For the sake of clarity, only I/O port and external bus assignments are shown here. One or more additional
multiplexed features may be available on some pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com