Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722IPTSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F8722IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722IPTSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F8722IPTSQTP Datasheet HTML 55Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 56Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 57Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 57
PIC18F8722 FAMILY
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
6X27
6X22
8X27
8X22
---0 0000
---0 0000
---0 uuuu(3)
TOSH
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
(3)
TOSL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
(3)
STKPTR
6X27
6X22
8X27
8X22
00-0 0000
uu-u uuuu
uu-u uuuu(3)
PCLATU
6X27
6X22
8X27
8X22
---0 0000
---0 0000
---u uuuu
PCLATH
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
PCL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
6X27
6X22
8X27
8X22
--00 0000
--00 0000
--uu uuuu
TBLPTRH
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TABLAT
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
PRODH
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
6X27
6X22
8X27
8X22
0000 000x
0000 000u
uuuu uuuu
(1)
INTCON2
6X27
6X22
8X27
8X22
1111 1111
1111 1111
uuuu uuuu(1)
INTCON3
6X27
6X22
8X27
8X22
1100 0000
1100 0000
uuuu uuuu
(1)
INDF0
6X27
6X22
8X27
8X22
N/A
N/A
N/A
POSTINC0
6X27
6X22
8X27
8X22
N/A
N/A
N/A
POSTDEC0
6X27
6X22
8X27
8X22
N/A
N/A
N/A
PREINC0
6X27
6X22
8X27
8X22
N/A
N/A
N/A
PLUSW0
6X27
6X22
8X27
8X22
N/A
N/A
N/A
FSR0H
6X27
6X22
8X27
8X22
---- 0000
---- 0000
---- uuuu
FSR0L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
6X27
6X22
8X27
8X22
N/A
N/A
N/A
POSTINC1
6X27
6X22
8X27
8X22
N/A
N/A
N/A
POSTDEC1
6X27
6X22
8X27
8X22
N/A
N/A
N/A
PREINC1
6X27
6X22
8X27
8X22
N/A
N/A
N/A
PLUSW1
6X27
6X22
8X27
8X22
N/A
N/A
N/A
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled
as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com