Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70 Datasheet(PDF) 33 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 33 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 29Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 30Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 31Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 32Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 33Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 34Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 35Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 36Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Datasheet
Jul 2011
33
Order Number:208034-04
P33-65nm SBC
11.0.1
Clear Status Register
The Clear Status Register command clears the Status Register. It functions independent
of VPP. The WSM sets and clears SR[7,6,2], but it sets bits SR[5:3,1] without clearing
them. The Status Register should be cleared before starting a command sequence to
avoid any ambiguity. A device reset also clears the Status Register.
11.1
Read Configuration Register
The RCR is used to select the read mode (synchronous or asynchronous), and it defines
the synchronous burst characteristics of the device. To modify RCR settings, use the
Configure Read Configuration Register command (see Section 6.2, “Device Command
Bus Cycles” on page 18).
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 7.3, “Read Device Identifier” on page 21).
The RCR is shown in Table 12. The following sections describe each RCR bit.
Table 12: Read Configuration Register Description (Sheet 1 of 2)
Read Configuration Register (RCR)
Read
Mode
RES
Latency Count
WAIT
Polarity
Data
Output
Config
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
R
LC[3:0]
WP
DOC
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14
Reserved (R)
Set to 0. This bit cannot be altered by customer.
13:11
Latency Count (LC[2:0])
000 =Code 0 reserved
001 =Code 1 reserved
010 =Code 2
011 =Code 3
100 =Code 4
101 =Code 5
110 =Code 6
111 =Code 7(default)
10
WAIT Polarity (WP)
0 =WAIT signal is active low
1 =WAIT signal is active high (default)
9
Data Output Configuration
(DOC)
0 =Data held for a 1-clock data cycle
1 =Data held for a 2-clock data cycle (default)
8
WAIT Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
0 =Reserved
1 =Linear (default)
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com