Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70 Datasheet(PDF) 66 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 66 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 62Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 63Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 64Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 65Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 66Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 67Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 68Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 69Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 70Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
66
Order Number: 208034-04
Note:
1.
Address 0x110 for TSOP: -00; Address 0x110 for BGA: -01.
Table 35: OTP Register Information
bit 5 EFA Block Lock-Down Bit Status active
bit 5 = 0
No
(P+C)h
1
VCC logic supply highest performance program/erase voltage
bits 0-3 BCD value in 100 mV
bits 4-7 BCD value in volts
116:
-30
3.0V
(P+D)h
1
VPP optimum program/erase supply voltage
bits 0-3 BCD value in 100 mV
bits 4-7 HEX value in volts
117:
-90
9.0V
Offset(1)
P=10Ah
Length
Description
(Optional flash features and commands)
Add.
Hex
Code
Value
(P+E)h
1
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection fields are available
118:
-02
2
(P+F)h
(P+10)h
(P+11)h
(P+12)h
4
Protection Field 1: Protection Description
This field describes user-available One Time Programmable
(OTP) Protection register bytes. Some are pre-programmed
with device-unique serial numbers. Others are user
programmable. Bits 0–15 point to the Protection register Lock
byte, the section’s first byte. The following bytes are factory
pre-programmed and user-programmable.
bits 0–7 = Lock/bytes Jedec-plane physical low address
bits 8–15 = Lock/bytes Jedec-plane physical high address
bits 16–23 = “n” such that 2n = factory pre-programmed bytes
bits 24–31 = “n” such that 2n = user programmable bytes
119:
11A:
11B:
11C:
-80
-00
-03
-03
80h
00h
8 byte
8 byte
(P+13)h
(P+14)h
(P+15)h
(P+16)h
(P+17)h
(P+18)h
(P+19)h
(P+1A)h
(P+1B)h
(P+1C)h
10
Protection Field 2: Protection Description
Bits 0–31 point to the Protection register physical Lock-word
address in the Jedec-plane.
Following bytes are factory or user-programmable.
11D:
11E:
11F:
120:
-89
-00
-00
-00
89h
00h
00h
00h
bits 32–39 = “n” such that n = factory pgm'd groups (low byte)
bits 40–47 = “n” such that n = factory pgm'd groups (high
byte)
bits 48–55 = “n” \ 2n = factory programmable bytes/group
121:
122:
123:
-00
-00
-00
0
0
0
bits 56–63 = “n” such that n = user pgm'd groups (low byte)
bits 64–71 = “n” such that n = user pgm'd groups (high byte)
bits 72–79 = “n” such that 2n = user programmable bytes/
group
124:
125:
126:
-10
-00
-04
16
0
16
Offset
P=10Ah
Length
Description
(Optional flash features and commands)
Add.
Hex
Code
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com