Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70 Datasheet(PDF) 61 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 61 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 57Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 58Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 59Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 60Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 61Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 62Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 63Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 64Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 65Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Datasheet
Jul 2011
61
Order Number:208034-04
P33-65nm SBC
Table 29: Example of Query Structure Output of x16 Devices
A.1.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash Interface (CFI)
Query structure or database. Table 30 summarizes the structure sub-sections and address
locations.
Table 30: Query Structure
Note:
1.
Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as a function of
device bus width and mode.
2.
BA = Block Address beginning location (i.e., 08000h is block 1’s beginning location when the block size is 32-KWord).
3.
Offset 15 defines “P” which points to the Primary Numonyx-specific Extended Query Table.
A.1.3
Read CFI Identification String
The Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and
supported vendor-specified command set(s).
Offset
Hex Code
Value
AX-A1
D15-D0
00010h
0051
“Q”
00011h
0052
“R”
00012h
0059
“Y”
00013h
P_IDLO
PrVendor ID#
00014h
P_IDHI
00015h
PLO
PrVendor TblAdr
00016h
PHI
00017h
A_IDLO
AltVendor ID#
00018h
A_IDHI
...
...
...
00001-Fh Reserved
Reserved for vendor-specific information
00010h
CFI query identification string
Command set ID and vendor data offset
0001Bh
System interface information
Device timing & voltage information
00027h
Device geometry definition
Flash device layout
P(3)
Primary Numonyx-specific Extended Query
Vendor-defined additional information specific
to the Primary Vendor Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com