Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70 Datasheet(PDF) 37 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 37 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 33Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 34Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 35Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 36Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 37Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 38Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 39Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 40Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Datasheet
Jul 2011
37
Order Number:208034-04
P33-65nm SBC
Table 14: End of Wordline Data and WAIT state Comparison
11.1.4
WAIT Polarity (RCR.10)
The WAIT Polarity bit (WP), RCR.10 determines the asserted level (VOH or VOL) of WAIT.
When WP is set, WAIT is asserted high. When WP is cleared, WAIT is asserted low
(default). WAIT changes state on valid clock edges during active bus cycles (CE#
asserted, OE# asserted, RST# deasserted).
11.1.5
WAIT Signal Function
The WAIT signal indicates data valid when the device is operating in synchronous mode
(RCR.15=0). The WAIT signal is only “deasserted” when data is valid on the bus.
When the device is operating in synchronous non-array read mode, such as read
status, read ID, or read query. The WAIT signal is also “deasserted” when data is valid
on the bus.
WAIT behavior during synchronous non-array reads at the end of word line works
correctly only on the first data access.
When the device is operating in asynchronous page mode, asynchronous single word
read mode, and all write operations, WAIT is set to a deasserted state as determined
by RCR.10. See Figure 18, “Asynchronous Single-Word Read (ADV# Latch)” on
page 51, and Figure 19, “Asynchronous Page-Mode Read Timing” on page 52.
Latency Count
P33-130nm
P33-65nm
Data States
WAIT States
Data States
WAIT States
1
Not Supported
Not Supported
Not Supported
Not Supported
2
4
0 to 1
8
0 to 1
3
4
0 to 2
8
0 to 2
4
4
0 to 3
8
0 to 3
5
4
0 to 4
8
0 to 4
6
4
0 to 5
8
0 to 5
7
4
0 to 6
8
0 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com