Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70 Datasheet(PDF) 40 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 40 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 36Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 37Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 38Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 39Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 40Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 41Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 42Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 43Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
40
Order Number: 208034-04
11.1.9
Clock Edge (RCR.6)
The Clock Edge (CE) bit selects either a rising (default) or falling clock edge for CLK.
This clock edge is used at the start of a burst cycle, to output synchronous data, and to
assert/deassert WAIT.
11.1.10
Burst Wrap (RCR.3)
The Burst Wrap (BW) bit determines whether 4, 8, or 16-word burst length accesses
wrap within the selected word-length boundaries or cross word-length boundaries.
When BW is set, burst wrapping does not occur (default). When BW is cleared, burst
wrapping occurs.
11.1.11
Burst Length (RCR[2:0])
The Burst Length bits (BL[2:0]) selects the linear burst length for all synchronous burst
reads of the flash memory array. The burst lengths are 4-word, 8-word, 16-word, and
continuous word.
Continuous burst accesses are linear only, and do not wrap within any word length
boundaries (see Table 16, “Burst Sequence Word Ordering” on page 39). When a burst
cycle begins, the device outputs synchronous burst data until it reaches the end of the
“burstable” address space.
11.2
One-Time Programmable (OTP) Registers
The device contains 17 OTP Registers that can be used to implement system security
measures and/or device identification. Each OTP Register can be individually locked.
The first 128-bit OTP Register is comprised of two 64-bit (8-word) segments. The lower
64-bit segment is pre-programmed at the Numonyx factory with a unique 64-bit
number. The other 64-bit segment, as well as the other sixteen 128-bit OTP Registers,
are blank. Users can program these registers as needed. Once programmed, users can
then lock the OTP Register(s) to prevent additional bit programming (see Figure 12,
“OTP Register Map” on page 41).
The OTP Registers contain OTP bits; when programmed, PR bits cannot be erased. Each
OTP Register can be accessed multiple times to program individual bits, as long as the
register remains unlocked.
Each OTP Register has an associated Lock Register bit. When a Lock Register bit is
programmed, the associated OTP Register can only be read; it can no longer be
programmed. Additionally, because the Lock Register bits themselves are OTP, when
programmed, Lock Register bits cannot be erased. Therefore, when a OTP Register is
locked, it cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com