Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 65Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 66Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 67Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 68Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 69Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 70Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 71Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 72Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
%
1.0
(2)
User-trimmed with
CLK_HSITRIMR register
Accuracy of HSI
oscillator
ACCHSI
for given VDD and TA
conditions
(1)
5.0
VDD = 5 V, TA = 25°C
(3)
Accuracy of HSI
oscillator (factory
calibrated)
5.0
-5.0
VDD = 5 V,
-40 °C ≤ TA ≤ 85 °C
µs
1.0
(2)
HSI oscillator
wakeup time
including calibration
tsu(HSI)
µA
250
(3)
170
HSI oscillator power
consumption
IDD(HSI)
(1) Refer to application note.
(2) Guaranteed by design, not tested in production.
(3) Data based on characterization results, not tested in production.
Figure 19: Typical HSI frequency variation vs VDD @ 3 temperatures
IID10241
15.5
15.6
15.7
15.8
15.9
16
16.1
16.2
16.3
16.4
16.5
2.5
3
3.5
4
4.5
5
5.5
6
VDD [V]
-40°C
25°C
85°C
Low speed internal RC oscillator (LSI)
Subject to general operating conditions for VDD and TA.
69/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com