Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 46Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 47Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 48Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 49Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 50Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 51Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 52Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 53Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
Loading capacitor
9.1.5
The loading conditions used for pin parameter measurement are shown in the following figure.
Figure 7: Pin loading conditions
STM8 PIN
50 pF
Pin input voltage
9.1.6
The input voltage measurement on a pin of the device is described in the following figure.
Figure 8: Pin input voltage
STM8 PIN
VIN
Absolute maximum ratings
9.2
Stresses above those listed as ‘absolute maximum ratings’ may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 14: Voltage characteristics
Unit
Max
Min
Ratings
Symbol
V
6.5
-0.3
Supply voltage (including VDDA and VDDIO)
(1)
VDDx - VSS
6.5
VSS - 0.3
Input voltage on true open drain pins (PE1,
PE2)
(2)
VIN
DocID022186 Rev 3
50/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com